Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8345EB.B Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8345EB.B
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8345EB.B Datasheet(HTML) 5 Page - Texas Instruments

  ADS8345EB.B Datasheet HTML 1Page - Texas Instruments ADS8345EB.B Datasheet HTML 2Page - Texas Instruments ADS8345EB.B Datasheet HTML 3Page - Texas Instruments ADS8345EB.B Datasheet HTML 4Page - Texas Instruments ADS8345EB.B Datasheet HTML 5Page - Texas Instruments ADS8345EB.B Datasheet HTML 6Page - Texas Instruments ADS8345EB.B Datasheet HTML 7Page - Texas Instruments ADS8345EB.B Datasheet HTML 8Page - Texas Instruments ADS8345EB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ADS8345
SBAS177C
5
www.ti.com
TYPICAL CHARACTERISTICS: +5V
At TA = +25°C, +VCC = +5V, VREF = +2.5V, fSAMPLE = 100kHz, and fDCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 1.001kHz, –0.2dB)
0
10203040
50
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 9.985kHz, –0.2dB)
0
10203040
50
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
100
90
80
70
60
SINAD
SNR
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
110
100
90
80
70
60
–110
–100
–90
–80
–70
–60
THD
(1)
SFDR
NOTE: (1) First Nine Harmonics
of the Input Frequency
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
CHANGE IN SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
–50
–25
0
20
50
75
100
Temperature (
°C)
0.2
0.0
–0.2
–0.4
–0.6
–0.8
0.4
f
IN = 4.956kHz, –0.2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com