Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC40103 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC40103
Description  HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC40103 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC40103 Datasheet HTML 1Page - Texas Instruments CD54HC40103 Datasheet HTML 2Page - Texas Instruments CD54HC40103 Datasheet HTML 3Page - Texas Instruments CD54HC40103 Datasheet HTML 4Page - Texas Instruments CD54HC40103 Datasheet HTML 5Page - Texas Instruments CD54HC40103 Datasheet HTML 6Page - Texas Instruments CD54HC40103 Datasheet HTML 7Page - Texas Instruments CD54HC40103 Datasheet HTML 8Page - Texas Instruments CD54HC40103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CD74HC40103EP
HIGHSPEED CMOS LOGIC
8STAGE SYNCHRONOUS DOWN COUNTER
SCLS548 − DECEMBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
PARAMETER
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
165
250
CP
4.5 V
33
50
CP
6 V
28
43
2 V
125
190
tw
Pulse duration
PL
4.5 V
25
38
ns
tw
Pulse duration
PL
6 V
21
32
ns
2 V
125
190
MR
4.5 V
25
38
MR
6 V
21
32
2 V
3
2
fmax
CP frequency (see Note 4)
4.5 V
15
10
MHz
fmax
CP frequency (see Note 4)
6 V
18
12
MHz
2 V
100
150
P to CP
4.5 V
20
30
P to CP
6 V
17
26
2 V
75
110
PE to CP
4.5 V
15
22
tsu
Setup time
PE to CP
6 V
13
19
ns
tsu
Setup time
2 V
150
225
ns
TE to CP
4.5 V
30
45
TE to CP
6 V
26
38
2 V
50
75
To CP, MR inactive
4.5 V
10
15
To CP, MR inactive
6 V
9
13
2 V
5
5
P to CP
4.5 V
5
5
P to CP
6 V
5
5
2 V
0
0
th
Hold time
TE to CP
4.5 V
0
0
ns
th
Hold time
TE to CP
6 V
0
0
ns
2 V
2
2
PE to CP
4.5 V
2
2
PE to CP
6 V
2
2
NOTE 4: Noncascaded operation only. With cascaded counters, clock-to-terminal count propagation delays, count enables (PE or TE) to clock
setup times, and count enables (PE or TE) to clock hold times determine maximum clock frequency. For example, with these HC
devices:
CP fmax
+
1
CP to TC prop delay
) TE to CP setup time ) TE to CP hold time
+
1
60
) 30 ) 0 [
11 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com