Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC40103 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC40103
Description  HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC40103 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC40103 Datasheet HTML 2Page - Texas Instruments CD54HC40103 Datasheet HTML 3Page - Texas Instruments CD54HC40103 Datasheet HTML 4Page - Texas Instruments CD54HC40103 Datasheet HTML 5Page - Texas Instruments CD54HC40103 Datasheet HTML 6Page - Texas Instruments CD54HC40103 Datasheet HTML 7Page - Texas Instruments CD54HC40103 Datasheet HTML 8Page - Texas Instruments CD54HC40103 Datasheet HTML 9Page - Texas Instruments CD54HC40103 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CD74HC40103EP
HIGHSPEED CMOS LOGIC
8STAGE SYNCHRONOUS DOWN COUNTER
SCLS548 − DECEMBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
TC
2 V
300
450
TC
(asynchronous
CL = 50 pF
4.5 V
60
90
(asynchronous
preset)
CL = 50 pF
6 V
51
77
CP
preset)
CL = 15 pF
5 V
25
CP
TC
2 V
300
450
TC
(synchronous
CL = 50 pF
4.5 V
60
90
(synchronous
preset)
CL = 50 pF
6 V
51
77
preset)
CL = 15 pF
5 V
25
2 V
200
300
tpd
TE
TC
CL = 50 pF
4.5 V
40
60
ns
tpd
TE
TC
CL = 50 pF
6 V
34
51
ns
CL = 15 pF
5 V
17
2 V
275
415
PL
TC
CL = 50 pF
4.5 V
55
83
PL
TC
CL = 50 pF
6 V
47
71
CL = 15 pF
5 V
23
2 V
275
415
MR
TC
CL = 50 pF
4.5 V
55
83
MR
TC
CL = 50 pF
6 V
47
71
CL = 15 pF
5 V
23
2 V
75
110
tt
CL = 50 pF
4.5 V
15
22
ns
tt
CL = 50 pF
6 V
13
19
ns
fmax
CP
CL = 15 pF
5 V
25
MHz
operating characteristics, VCC = 5 V, TA = 25°C, input tr, tf = 6 ns
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance (see Note 5)
25
pF
NOTE 5: Cpd is used to determine the dynamic power consumption per package.
PD = (Cpd × VCC2 × fi) + (CL × VCC2 × fO)
fI = input frequency
fO = output frequency
CL = output load capacitance
VCC = supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com