Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4020F Datasheet(PDF) 4 Page - Texas Instruments

Part # CD54HC4020F
Description  CDx4HC4020, CDx4HCT4020 CDHigh-Speed CMOS Logic 14-Stage Binary Counter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC4020F Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC4020F Datasheet HTML 1Page - Texas Instruments CD54HC4020F Datasheet HTML 2Page - Texas Instruments CD54HC4020F Datasheet HTML 3Page - Texas Instruments CD54HC4020F Datasheet HTML 4Page - Texas Instruments CD54HC4020F Datasheet HTML 5Page - Texas Instruments CD54HC4020F Datasheet HTML 6Page - Texas Instruments CD54HC4020F Datasheet HTML 7Page - Texas Instruments CD54HC4020F Datasheet HTML 8Page - Texas Instruments CD54HC4020F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
IIK
Input diode current
For VI < –0.5 V or VI > VCC + 0.5 V
±20
mA
IOK
Output diode current
For VO < –0.5 V or VO > VCC + 0.5 V
±20
mA
IO
Output source or sink current per output pin
For VO> –0.5 V or VO < VCC + 0.5 V
±25
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
– 65
150
°C
Lead temperature (Soldering 10s) (SOIC - lead tips only)
300
°C
5.2 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage range
HC types
2
6
V
HCT types
4.5
5.5
VI, VO
DC input or output voltage
0
VCC
V
Input rise and fall time
2 V
1000
ns
4.5 V
500
6 V
400
TA
Temperature range
–55
125
℃
5.3 Thermal Information
THERMAL METRIC
D (SOIC)
N (PDIP)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
(1)
73
67
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
CD54HC4020, CD74HC4020, CD54HCT4020, CD74HCT4020
SCHS201D – FEBRUARY 1998 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC4020 CD74HC4020 CD54HCT4020 CD74HCT4020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com