Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4020F Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC4020F
Description  CDx4HC4020, CDx4HCT4020 CDHigh-Speed CMOS Logic 14-Stage Binary Counter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC4020F Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC4020F Datasheet HTML 3Page - Texas Instruments CD54HC4020F Datasheet HTML 4Page - Texas Instruments CD54HC4020F Datasheet HTML 5Page - Texas Instruments CD54HC4020F Datasheet HTML 6Page - Texas Instruments CD54HC4020F Datasheet HTML 7Page - Texas Instruments CD54HC4020F Datasheet HTML 8Page - Texas Instruments CD54HC4020F Datasheet HTML 9Page - Texas Instruments CD54HC4020F Datasheet HTML 10Page - Texas Instruments CD54HC4020F Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
5.6 Switching Characteristics (continued)
Input tr, tf = 6 ns. See Parameter Measurement Information
PARAMETER
TEST
CONDITIONS
VCC (V)
25
℃
-40
℃ to 85℃ -55℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH,
tPHL
Propagation delay time
CP to Q1' Output
CL = 50 pF
4.5
40
50
60
ns
CL = 15 pF
5
17
tPLH,
tPHL
Qn to Qn + 1
CL = 50 pF
4.5
15
19
22
ns
CL = 15 pF
5
6
tPLH,
tPHL
MR to Qn
CL = 50 pF
4.5
40
50
60
ns
CL = 15 pF
5
17
tTLH,
tTHL
Output transition
CL = 50 pF
4.5
15
19
22
ns
CIN
Input capacitance
CL = 50 pF
10
10
10
pF
CPD
Power dissipation capacitance(1) (2)
CL = 15 pF
5
30
pF
(1)
CPD is used to determine the dynamic power consumption, per package.
(2)
PD = VCC 2fi(CPD + CL) where fi = Input frequency, CL = Output load capacitance, VCC = Supply Voltage.
www.ti.com
CD54HC4020, CD74HC4020, CD54HCT4020, CD74HCT4020
SCHS201D – FEBRUARY 1998 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC4020 CD74HC4020 CD54HCT4020 CD74HCT4020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com