Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C43MDREP Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28C43MDREP
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C43MDREP Datasheet(HTML) 4 Page - Texas Instruments

  UCC28C43MDREP Datasheet HTML 1Page - Texas Instruments UCC28C43MDREP Datasheet HTML 2Page - Texas Instruments UCC28C43MDREP Datasheet HTML 3Page - Texas Instruments UCC28C43MDREP Datasheet HTML 4Page - Texas Instruments UCC28C43MDREP Datasheet HTML 5Page - Texas Instruments UCC28C43MDREP Datasheet HTML 6Page - Texas Instruments UCC28C43MDREP Datasheet HTML 7Page - Texas Instruments UCC28C43MDREP Datasheet HTML 8Page - Texas Instruments UCC28C43MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
(6)
Gain is defined as
ACS +
DVCOM
DVCS
, 0 V v VCS v 900 mV
Electrical Characteristics
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
V
DD = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, CVDD = 0.1 µF and no load on the outputs, TA = TJ = –55°C to 125°C for the
UCC28C4x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference
Output voltage, initial accuracy
TA = 25°C , IOUT = 1 mA
4.9
5
5.1
V
Line regulation
VDD = 12 V to 18 V
0.2
20
mV
Load regulation
1 mA to 20 mA
3
25
mV
Temperature stability
(2)
0.2
0.4
mV/
°C
Total output variation
(2)
4.82
5.18
V
Output noise voltage
10 Hz to 10 kHz, TA = 25°C
50
µV
Long term stability
1000 hours, TA = 125°C(2)
5
25
mV
Output short circuit
–30
–45
–55
mA
Oscillator
TA = 25°C(3)
50.5
53
55
kHz
Initial accuracy
TA = Full Range(3)
50.5
57
KHz
Voltage stability
VDD = 12 V to 18 V
0.2
2.85
%
Temperature stability
TMIN to TMAX(2)
1
2.5
%
Amplitude
RT/CT pin peak to peak
1.9
V
TA = 25°C, RT/CT = 2 V(4)
7.7
8.4
9
mA
Discharge current
RT/CT = 2 V(4)
7.2
8.4
9.5
mA
Error Amplifier
Feedback input voltage, initial accuracy
VCOMP = 2.5 V, TA = 25°C
2.475
2.500
2.525
V
Feedback input voltage, total variation
VCOMP = 2.5 V
2.45
2.50
2.55
V
Input bias current
–0.1
–2
µA
AVOL
Open-loop voltage gain
VOUT = 2 V to 4 V
65
90
dB
Unity gain bandwidth
1.5
MHz
PSRR
Power-supply rejection ratio
VDD = 12 V to 18 V
60
dB
Output sink current
VFB = 2.7 V, VCOMP = 1.1 V
2
14
mA
Output source current
VFB = 2.3 V, VCOMP = 5 V
–0.5
–1
mA
VOH
High-level output voltage
VFB = 2.3 V, RLOAD = 15 k to GND
5
6.8
V
VOL
Low-level output voltage
VFB = 2.7 V, RLOAD = 15 k to VREF
0.1
1.1
V
Current Sense
TA = 25°C (5)(6)
2.85
3
3.15
V/V
Gain
TA = Full Range (5)(6)
2.825
3.15
V/V
Maximum input signal
VFB < 2.4 V
0.9
1
1.1
V
PSRR
Power-supply rejection ratio
VDD = 12 V to 18 V(2)(5)
70
dB
Input bias current
–0.1
–2
µA
CS to output delay
35
70
ns
COMP to CS offset
VCS = 0 V
1.15
V
Output
VOUT low (RDS(on) pull-down)
ISINK = 200 mA
5.5
15
Ω
VOUT high (RDS(on) pull-up)
ISOURCE = 200 mA
10
25
Ω
(1)
Adjust VDD above the start threshold before setting at 15 V.
(2)
Not production tested.
(3)
Output frequencies of the UCC28C41, UCC28C44, and UCC28C45 are one-half the oscillator frequency.
(4)
Oscillator discharge current is measured with RT = 10 kΩ to VREF.
(5)
Parameter measured at trip point of latch with VFB = 0 V.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com