Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28C43MDREP Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC28C43MDREP
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28C43MDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28C43MDREP Datasheet HTML 4Page - Texas Instruments UCC28C43MDREP Datasheet HTML 5Page - Texas Instruments UCC28C43MDREP Datasheet HTML 6Page - Texas Instruments UCC28C43MDREP Datasheet HTML 7Page - Texas Instruments UCC28C43MDREP Datasheet HTML 8Page - Texas Instruments UCC28C43MDREP Datasheet HTML 9Page - Texas Instruments UCC28C43MDREP Datasheet HTML 10Page - Texas Instruments UCC28C43MDREP Datasheet HTML 11Page - Texas Instruments UCC28C43MDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
Reduced Discharge Current Variation
Soft-Start
UCC28C42
8
1
COMP
5
GND
UDG-01072
VREF
Oscillator Synchronization
UCC28C4x-EP
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
SGLS352B – DECEMBER 2006 – REVISED MAY 2007
APPLICATION INFORMATION (continued)
The original UC2842 oscillator did not have trimmed discharged current, and the parameter was not specified on
the data sheet. Since many customers attempted to use the discharge current to set a crude dead-time limit, the
UC2842A family was released with a trimmed discharge current specified at 25
°C. The UCC28C4x series now
offers even tighter control of this parameter, with approximately
±3% accuracy at 25°C, and less than 10%
variation over temperature using the UCC28C4x devices. This level of accuracy can enable a meaningful limit to
be programmed, a feature not currently seen in competitive BiCMOS devices. The improved oscillator and
reference also contribute to decreased variation in the peak-to-peak variation in the oscillator waveform, which is
often used as the basis for slope compensation for the complete power system.
Figure 1 provides a typical soft-start circuit for use with the UCC28C42. The values of R and C should be
selected to bring the COMP pin up at a controlled rate, limiting the peak current supplied by the power stage.
After the soft-start interval is complete, the capacitor continues to charge to VREF, effectively removing the PNP
transistor from circuit considerations.
The optional diode in parallel with the resistor forces a soft-start each time the PWM goes through UVLO and
the reference (VREF) goes low. Without the diode, the capacitor otherwise remains charged during a brief loss of
supply or brownout, and no soft-start is enabled upon reapplication of VIN.
Figure 1.
The UCC28C4x oscillator has the same synchronization characteristics as the original bipolar devices. Thus, the
information in the application report U-100A, UC2842/3/4/5 Provides Low-Cost Current-Mode Control (SLUA143)
still applies. The application report describes how a small resistor from the timing capacitor to ground can offer
an insertion point for synchronization to an external clock (see Figure 2 and Figure 3). Figure 2 shows how the
UCC28C42 can be synchronized to an external clock source. This allows precise control of frequency and dead
time with a digital pulse train.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com