Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX10803 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MLX10803
Description  High power LED driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX10803 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MLX10803 Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 24Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
IC specification
MLX10803
High power LED driver
3901010803
Page 21/25
Data Sheet
Rev 025
2/OCT/07
8.
Temperature regulation
In normal mode the peak current threshold voltage is defined by the lowest voltage on pins VREF, IREF2 and
IREF1. Usually the resistor connected to IREF2 pin has a small thermal coefficient and the resistor on IREF1 pin
has a big negative temperature coefficient (but they also can be connected vice versa). Both of these pins have an
output current of 50
µA. When the voltage on pin IREF1 falls below the voltage on pin IREF2 or VREF, the voltage
reference for the actual maximum current is taken from pin IREF1. This makes the value of the peak current
sensitive to temperature and prevents overheating of LED or IC. When the voltage on pin IREF1 becomes higher
than voltage on IREF2 or VREF, the reference switches back to IREF2 or VREF pin.
The thermal behaviour of the system should be characterised during the design-in of the product by the user.
For a system that is designed for thermal conditions, temperature down regulation may not be needed. In this case,
It is enough to leave the IREF1 or IREF2 pin unconnected and the internal current source will pull it up to the
voltage Vdd – 0.7V.
System behaviour can be configured to compensate the dependency of LED light output versus temperature. The
example of such compensation is depicted below.
Illustration of a possible temperature regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com