Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX10803 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MLX10803
Description  High power LED driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX10803 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MLX10803 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
IC specification
MLX10803
High power LED driver
3901010803
Page 9/25
Data Sheet
Rev 025
2/OCT/07
RESET related parameters
Power on reset level, if
VS/PWM is ramped up
vporh
Reset is connected
to the internal Vdd,
but vporh is
measured on pin
VS/PWM
1.5
4
V
Power on reset
hysteresis, if VS/PWM is
drawn down
vporhyst
Reset is connected
to the internal Vdd,
but vporhyst is
measured on pin
VS/PWM
0.1
0.7
V
Vdd related parameters (Vdd used internally only)
Internal supply voltage
range
vdd
vs=13.8V
4.5
5.5
V
RSENSE related parameters
Input leakage current
ileakrsense
vs=13.8V,
vrsense=0V, 5V
-20
20
µA
Debounce time after
switching on
tdeb
vs=13.8
200
500
ns
VREF related parameters
Leakage current
ileakvref
vs=13.8V,
vvref=0V, 5V
-20
20
µA
DRVGATE cessation
voltage
vswoff
2
vs=13.8V
15
20
25
mV
Sensitive voltage range
vvrefrng
2
vs=13.8V
vswoff
3.8
V
Linear voltage range
vvreflinrng
2
vs=13.8V
0.1
3.8
V
IREF1 related parameters
Output current for
external reference
measurement
iiref1
vs=13.8V,
viref1=viref1rng
46.5
50
52.5
µA
Temperature drift of the
current
iiref1drift
-0.1
%/
°C
Sensitive voltage range
viref1rng
2
vs=13.8V
vswoff
3.6
V
Linear voltage range
viref1linrng
2
vs=13.8V
0.1
3.6
V
IREF2 related parameters
Difference of iiref2 to
iiref1
difiref12
vs=13.8V,
viref1=viref2rng
-10
+10
%
Temperature drift of the
current
iiref2drift
-0.1
%/
°C
Sensitive voltage range
viref2rng
2
vs=13.8V
vswoff
3.6
V
Linear voltage range
viref2linrng
2
vs=13.8V
0.1
3.6
V
DRVGATE related parameters
Max output voltage in ON
state
vmaxdrv
Load current 1
µA
to GND, vs=13.8V
10
13
V
Output resistance of
push-pull output
Rdrvgateout
To GND pin
To VS/PWM pin,
vs=13.8V
3.5
20
7.8
40
15
60
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com