Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBRC-HR Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # PBRC-HR
Description  Parameter on Ceramic Resonators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PBRC-HR Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  PBRC-HR Datasheet HTML 1Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 2Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 3Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 4Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(other common parameters)
Items
Specifications
MC14069UB(2.0-8.0MHz) / MC74HCU04(8.01-20.0mHz)
(Freescale)
Withstanding Voltage
100 V D.C. 10 sec max.
Max. Input Signal Voltage
15 Vp-p
Standard Test IC
KYOCERA
KYOCERA
KYOCERA
KYOCERA
CONFIDENTIAL
CONFIDENTIAL
CONFIDENTIAL
CONFIDENTIAL
TK-D2428-FE0044
3
Insulation Resistance
100 MΩ min. (at 10 V D.C.)
Operating Temperature Range
-40 to +85
℃
Storage Temperature Range
-40 to +85
℃
fosc ±0.30 % max.
(at 25
℃ from initial value)
Aging for 10 years on Oscillating
Frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com