Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBRC-HR Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # PBRC-HR
Description  Parameter on Ceramic Resonators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PBRC-HR Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  PBRC-HR Datasheet HTML 1Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 2Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 3Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 4Page - Kyocera Kinseki Corpotation PBRC-HR Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
14
MC14069UB
(Freescale)
Vdd=5.0V
3-1. Measurement Condition
The reference temperature shall be 25
±2 ℃.
The measurement shall be performed in the temperature range
from 15 to 35
℃ unless otherwise the result is doubtful.
3-2. Measurement Circuit
Oscillating frequency shall be measured using the Kyocera
standard test circuit shown in Fig. 1.
Oscillating Frequency
Date Code
4. Dimensions
3 1.2
-
7.4
6-R0.
7.4
6-R0.
4.00
KYOCERA
KYOCERA
KYOCERA
KYOCERA
CONFIDENTIAL
CONFIDENTIAL
CONFIDENTIAL
CONFIDENTIAL
TK-D2428-FE0044
4
R
f=1MΩ
Ω
Ω
Ω
C1=C2= 30 pF (Reference)
C1
C2
(Freescale)
Resonator
Out
R
f
1 2 3 4
7
Fig.1 Standard Measuring Circuits
Oscillating Frequency
ex.4.00 (4.00 is the meaning of 4.00MHz/Oscillating
Frequency)
Date Code
Jan. to Dec. 2013: A to M (except “I”)
Jan. to Dec. 2014: N to Z (except “O”)
Jan. to Dec. 2015: a to m (except “i”)
Jan. to Dec. 2016: n to z (except “o”)
Note:
These alphabets should be after Jan.2017.
Unit: mm
Tol.; +/-0.3mm
Terminal: Au flashed nickel barrier
6-R0.
2
2.5
2.5
6-R0.
2
2.5
2.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com