Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0801821 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801821
Description  UC-WMTBA (24X5) SR - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801821 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801821 Datasheet HTML 1Page - PHOENIX CONTACT 0801821 Datasheet HTML 2Page - PHOENIX CONTACT 0801821 Datasheet HTML 3Page - PHOENIX CONTACT 0801821 Datasheet HTML 4Page - PHOENIX CONTACT 0801821 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Sheet, silver, unmarked, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: Assembly with cable ties, cable diameter: > 4 mm, Number of individual labels:
12, text field height: 5 mm, text field width: 24 mm
Your advantages
The UC-WMTBA ... UniCard labeling range includes markers that can be secured using standard cable binders
•
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing systems
•
For large-surface marking of conductors and cables  >4 mm in diameter
•
Thanks to their angular shape the markers fit perfectly onto cables
•
The sheets provide space for including function texts
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your requirements
•
Commercial data
Item number
0801821
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2317
GTIN
4046356735810
Weight per piece (including packing)
9.421 g
Weight per piece (excluding packing)
8.06 g
Country of origin
PL
UC-WMTBA (24X5) SR - Cable marker
0801821
https://www.phoenixcontact.com/us/products/0801821
Aug 7, 2025, 1:30AM
Page 1 (5)


Similar Part No. - 0801821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801820 PHOENIX-0801820 Datasheet
48Kb / 3P
Plastic label - EMLP (45X15)R
More results

Similar Description - 0801821

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0825471 PHOENIX-0825471 Datasheet
72Kb / 3P
UC-EMLP (27X12,5) SR
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
0820426 PHOENIX-0820426 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (24X5)
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com