Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0801821 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0801821
Description  UC-WMTBA (24X5) SR - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801821 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0801821 Datasheet HTML 1Page - PHOENIX CONTACT 0801821 Datasheet HTML 2Page - PHOENIX CONTACT 0801821 Datasheet HTML 3Page - PHOENIX CONTACT 0801821 Datasheet HTML 4Page - PHOENIX CONTACT 0801821 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Conductor marking
Marking
Number of individual labels
12
Number of individual labels per row
4
Identification technology
UV LED technology
Dimensions
Width
10 mm
Length
24 mm
External dimensions
Outside diameter
> 4 mm ... 136 mm
Text field
Text field width
24 mm
Text field height
5 mm
Material specifications
Color
silver
Material
PA
Flammability rating according to UL 94
V2
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 2
Components
free from silicone and halogen
Cable/line
External cable diameter
> 4.00 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
UC-WMTBA (24X5) SR - Cable marker
0801821
https://www.phoenixcontact.com/us/products/0801821
Aug 7, 2025, 1:30AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com