Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5MP645YFPR.A Datasheet(PDF) 21 Page - Texas Instruments

Part # TS5MP645YFPR.A
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TS5MP645YFPR.A Datasheet HTML 17Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 18Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 19Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 20Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 21Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 22Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 23Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 24Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Frequency (Hz)
300000
1E+7
1E+8
1E+9
1E+10
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
D001
Bandwidth
21
TS5MP645
www.ti.com
SCDS385B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curves
Figure 25. Differential Bandwidth
10 Power Supply Recommendations
When the TS5MP645 is powered off (VDD = 0 V), the I/Os of the device remains in a high-Z state. The crosstalk,
off-isolation, and leakage remain within the electrical Specifications. Power to the device is supplied through the
VDD pin. Decoupling capacitors of 100 nF and 2.2 µF are recommended on the supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com