Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5MP645YFPR.A Datasheet(PDF) 6 Page - Texas Instruments

Part # TS5MP645YFPR.A
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5MP645YFPR.A Datasheet HTML 2Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 3Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 4Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 5Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 6Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 7Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 8Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 9Page - Texas Instruments TS5MP645YFPR.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
TS5MP645
SCDS385B – JANUARY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Active Supply Current
VDD = 1.65 V to 5.5 V
OE = 0 V
SEL = 0 V to 5.5 V
Dn, CLKn = 0 V
0
30
60
µA
IDD_PD
Power-down Supply current
VDD = 1.65 V to 5.5 V
OE = VDD
SEL = 0 V to 5.5 V
Dn, CLKn = 0 V
0
0.1
1
µA
IDD_PD_1.8
Power-down Supply current
VDD = 1.65 V to 5.5 V
OE = 1.8 V
SEL = 0 V to 5.5 V
Dn, CLKn = 0 V
0
0.1
10
µA
DC CHARACTERISTICS
RON_HS
On-state resistance
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn,CLKn = -8 mA, 0.2V
DAn, DBn, CLKAn, CLKBn = 0.2 V, -8 mA
2.45
5.5
Ω
RON_LP
On-state resistance
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 1.2V
DAn, DBn, CLKAn, CLKBn = 1.2 V, -8 mA
2.65
6.5
Ω
RON_flat_HS
On-state resistance flatness
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 0 V to 0.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 0.3 V,-8 mA
0.1
Ω
RON_flat_LP
On-state resistance flatness
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V, -8 mA
0.9
Ω
ΔRON_HS
On-state resistance match between+and -
paths
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 0.2 V
DAn, DBn, CLKAn, CLKBn = 0.2 V, -8 mA
0.1
Ω
ΔRON_LP
On-state resistance match between+and -
paths
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 1.2 V
DAn, DBn, CLKAn, CLKBn = 1.2 V, -8 mA
0.1
Ω
IOFF
Switch off leakage current
VDD = 0 V, 1.65 V to 5.5 V
OE = 0 V to 5.5 V
SEL= 0 V to 5.5 V
Dn, CLKn = 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V
-0.5
0.5
µA
ION
Switch on leakage current
VDD = 1.65 V to 5.5 V
OE = 0 V
SEL= 0 V to 5.5 V
Dn, CLKn = 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V
-0.5
0.5
µA
DYNAMIC CHARACTERISTICS
tSWITCH
Switching time between channels
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL=50 Ω, CL = 5 pF
1.5
µs
fSEL_MAX
Maximum toggling frequency for the SEL
line
VDD = 1.65 V to 5.5 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL= 50 Ω, CL=1 pF
100
kHz
tON_OE
Device enable time OE to switch on
VDD = 1.65 V to 5.5 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL= 50 Ω, CL= 1 pF
50
300
µs
tON_VDD
Device enable time VDD to switch on
VDD = 0 V to 1.65 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL= 50 Ω, CL= 1 pF
50
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com