Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFPEP Datasheet(PDF) 44 Page - Texas Instruments

Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TSB41AB3IPFPEP Datasheet HTML 40Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 41Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 42Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 43Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 44Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 45Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 46Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 47Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interface reset and disable (continued)
The sequence of events for resetting the PHY-LLC interface when it is in the differentiated mode of operation
(ISO terminal is low) is as follows:1
a.
Normal operation. Interface is operating normally, with LPS active, SYSCLK active, status and packet
data reception and transmission via the CTL and D lines, and request activity via the LREQ line.
b.
LPS deasserted. The LLC deasserts the LPS signal and, within 1
µs, terminates any request or interface
bus activity, and places its LREQ, CTL, and D outputs into a high-impedance state (the LLC should
terminate any output signal activity such that signals end in a logic 0 state).
c.
Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any
interface bus activity, and places its CTL and D outputs into a high-impedance state (the PHY
terminates any output signal activity such that signals end in a logic 0 state). The PHY-LLC interface
is now in the reset state.
d.
Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. (The
minimum TRESTORE interval provides sufficient time for the biasing networks used in Annex J type
isolation barrier circuits to stabilize and reach a quiescent state if the isolation barrier has somehow
become unbalanced.) When LPS is asserted, the interface initializes as described below.
SYSCLK
ISO
(high)
(a)
(c)
(b)
CTL0, CTL1
D0 − D7
LREQ
LPS
(d)
TLPS_RESET
TRESTORE
Figure 24. Interface Reset, ISO High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com