Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3MPFPEP Datasheet(PDF) 33 Page - Texas Instruments

Part # TSB41AB3MPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSB41AB3MPFPEP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB41AB3MPFPEP Datasheet HTML 29Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 30Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 31Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 32Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 33Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 34Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 35Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 36Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
output differentiation (continued)
01
1
0
0
0
0
10
LH
Z
0
Z
Z
L
HZ
Logic State
Signal Level
Figure 15. Signal Transformation for Digital Differentiation
The TSB41AB3 implements differentiation circuitry functionally equivalent to that shown in Figure 15 on the
bidirectional CTL0–CTL1and D0–D7 terminals. The TSB41AB3 also implements an input hysteresis buffer on
the LREQ input to convert this signal to the correct logic level when differentiated. The LLC must also implement
similar output differentiation and input hysteresis circuitry on its CTL and D terminals, and output differentiation
circuitry on its LREQ terminal.
DIn
To/From
Internal
Device
Logic
DOut
ISO
OutEn
Init
SysClk
D
Q
D
Q
D
Q
D
3-State Output
Driver
Input Buffer With
Hysteresis
Figure 16. Input/Output Differentiation Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com