| Electronic Components Datasheet Search |
|
TSB41AB3MPFPEP Datasheet(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB41AB3MPFPEP Datasheet(HTML) 45 Page - Texas Instruments |
|
45 / 56 page ![]() TSB41AB3EP IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER SGLS122C − JULY 2002 − REVISED JUNE 2008 45 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION interface reset and disable (continued) The sequence of events for resetting the PHY-LLC interface when it is in the nondifferentiated mode of operation (ISO terminal is high) is as follows:1 a. Normal operation. Interface is operating normally, with LPS asserted, SYSCLK active, status and packet data reception and transmission via the CTL and D lines, and request activity via the LREQ line. In Figure 23, the LPS signal is shown as a non-pulsed level signal. However, it is permissible to use a pulsed signal for LPS in a direct connection between the PHY and LLC; a pulsed signal is required when using an isolation barrier (whether of the TI bus holder type or Annex J type). b. LPS deasserted. The LLC deasserts the LPS signal and, within 1 µs, terminates any request or interface bus activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low. c. Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface bus activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state. d. Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. When LPS is asserted, the interface initializes as described below. If the LLC continues to keep the LPS signal deasserted, it requests that the interface be disabled. The PHY disables the interface when it observes that LPS has been deasserted for TLPS_DISABLE. When the interface is disabled, the PHY sets its CTL and D outputs as stated above for interface reset, but also stops SYSCLK activity. The interface is also placed into the disabled condition upon a hardware reset of the PHY. The timing for interface disable is shown in Figure 24 and Figure 25. When the interface is disabled, the PHY enters a low-power state if none of its ports is active. SYSCLK ISO (low) (a) (c) (b) CTL0, CTL1 D0 − D7 LREQ LPS (d) TLPS_RESET TLPS_DISABLE TLPSL TLPSH Figure 25. Interface Disable, ISO Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |