Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2017I Datasheet(PDF) 32 Page - Texas Instruments

Part # TSC2017I
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2017I Datasheet(HTML) 32 Page - Texas Instruments

Back Button TSC2017I Datasheet HTML 28Page - Texas Instruments TSC2017I Datasheet HTML 29Page - Texas Instruments TSC2017I Datasheet HTML 30Page - Texas Instruments TSC2017I Datasheet HTML 31Page - Texas Instruments TSC2017I Datasheet HTML 32Page - Texas Instruments TSC2017I Datasheet HTML 33Page - Texas Instruments TSC2017I Datasheet HTML 34Page - Texas Instruments TSC2017I Datasheet HTML 35Page - Texas Instruments TSC2017I Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
1.6Vto3.6V
1.4V
0.3V
0V
V
DD
t
VDD_OFF_RAMP
t
VDD_OFF
t
VDD_ON_RAMP
TSC2017
SBAS472 – DECEMBER 2009
www.ti.com
Power-On Reset
During TSC2017 power-up, an internal POR is automatically implemented. The POR brings the TSC to the
default working condition. The TSC2017 senses the power-up curve and decides whether or not to implement a
POR. Follow the power-on/off slope and interval requirements, as provided in the Electrical Characteristics, in
order to ensure a proper POR of the TSC2017.
Figure 37. Power-On Reset Timing
Table 7. Timing Requirements for Figure 37
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDD off ramp
TA = –40°C to +85°C
50
1,000,000
V/s
VDD off time
TA = –40°C to +85°C, VDD ≤ 0.4V
20
μs
VDD on ramp
TA = –40°C to +85°C
90
1,000,000
V/s
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com