Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2017I Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2017I
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2017I Datasheet(HTML) 4 Page - Texas Instruments

  TSC2017I Datasheet HTML 1Page - Texas Instruments TSC2017I Datasheet HTML 2Page - Texas Instruments TSC2017I Datasheet HTML 3Page - Texas Instruments TSC2017I Datasheet HTML 4Page - Texas Instruments TSC2017I Datasheet HTML 5Page - Texas Instruments TSC2017I Datasheet HTML 6Page - Texas Instruments TSC2017I Datasheet HTML 7Page - Texas Instruments TSC2017I Datasheet HTML 8Page - Texas Instruments TSC2017I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TSC2017
SBAS472 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, VDD = +1.6V to +3.6V, unless otherwise noted.
TSC2017
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
1.6V
≤ VDD ≤ 3.6V
0.7 × VDD
VDD + 0.3
V
VIL
1.6V
≤ VDD ≤ 3.6V
–0.3
0.3 × VDD
V
IIL
SCL and SDA pins
–1
1
μA
CIN
SCL and SDA pins
10
pF
Logic level
VOH
IOH = 2 TTL loads
VDD – 0.2
VDD
V
VOL
IOL = 2 TTL loads
0
0.2
V
ILEAK
Floating output
–1
1
μA
COUT
Floating output
10
pF
Data format
Straight binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage, VDD
Specified performance
1.6
3.6
V
32.56k eq rate
145
206
μA
VDD = 1.6V
8.2k eq rate
34.77
μA
12-bit Fast mode
34.42k eq rate
165
240
μA
Quiescent supply current
(clock = 400kHz)
VDD = 1.8V
(VDD with sensor off)
8.2k eq rate
39.31
μA
PD[1:0] = 0,0
34.79k eq rate
226.2
335
μA
VDD = 2.7V
8.2k eq rate
53.32
μA
Power down supply current
Not addressed, SCL = SDA = 1
0
0.8
μA
POWER ON/OFF SLOPE REQUIREMENTS
VDD off ramp
TA = –40°C to +85°C
50
1,000,000
V/s
VDD off time
TA = –40°C to +85°C, VDD ≤ 0.4V
20
μs
VDD on ramp
TA = –40°C to +85°C
90
1,000,000
V/s
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com