Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
www.ti.com
HIGH-PERFORMANCE DAC
WIDEBAND VIDEO MULTIPLEXING
1
2 R C
p F F
=
GBP
4 R C
p F D
(1)
f
=
-3dB
GBP
2 R C
p F D
1/2
OPA2890
1/2
OPA2890
High-Speed
DAC
V =I R
O
O
F
-
-
V = I R
O
O
F
R
F1
R
F2
C
F1
C
F2
GBP
GainBandwidth
®
Product(Hz)fortheOPA2890
C
D1
C
D2
I
O
-IO
50W
50W
305W
2kW
82.5W
75
Cable
W
75
Load
W
RG-59
82.5W
75W
750W
634W
Video1
+5V
+5V
-5V
1/2
OPA2890
1/2
OPA2890
305W
2kW
75W
750W
634W
Video2
-5V
+5V
V
DIS
DISA
DISB
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
TRANSIMPEDANCE AMPLIFIER
One common application for video speed amplifiers
High-frequency
DDS
digital-to-analog
converters
that include a disable pin is to wire multiple amplifier
(DACs) require a low distortion output amplifier to
outputs together, then select one of several possible
retain SFDR performance into real-world loads.
video inputs to source onto a single line. This simple
Figure
53
shows
a
single-ended
output
drive
wired-OR
video
multiplexer
can
be
easily
implementation. The diagram shows the signal output
implemented using the OP2890IDGS (MSOP-10
current(s) connected into the virtual ground summing
package only), as shown in Figure 54.
junction(s) of the OPA2890, which is set up as a
transimpedance stage or I-V converter. If the DAC
requires that its outputs terminate to a compliance
voltage
other
than
ground
for
operation,
the
appropriate voltage level may be applied to the
noninverting input of the OPA2890. The dc gain for
this circuit is equal to RF. At high frequencies, the
DAC output capacitance (CD in Figure 53) produces a
zero in the noise gain for the OPA2890 that may
cause
peaking
in
the
closed-loop
frequency
response. CF is added across RF to compensate for
this
noise
gain
peaking.
To
achieve
a
flat
transimpedance frequency response, the pole in each
feedback network should be set to:
which gives a cutoff frequency f–3dB of approximately:
Figure 53. DAC Transimpedance Amplifier
Figure 54. 2-Channel Video Multiplexer (MSOP-10 package only)
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com