Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments OPA690 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
www.ti.com
DIFFERENTIAL RECEIVER/DRIVER
SINGLE-SUPPLY MFB DIFFERENTIAL
1
2
R
C
p ´
´
´
f =
O
R =R =0.65
R
1
2
´
´
´
R =0.375
R
C =C
C =2
C
3
1
2
50W
V
I
-VI
R
O
R
O
R
F
750W
R
F
750W
50W
R
G
1/2
OPA2890
1/2
OPA2890
V
=1+
DIFF
V
(
- -V )
I
I
2R
F
R
G
Frequency(Hz)
10k
100k
1M
10M
3
0
-3
-6
-12
-9
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
ACTIVE FILTER: 2MHz BUTTERWORTH
A very versatile application for a dual operational
CONFIGURATION
amplifier is the differential amplifier configuration
shown in Figure 56. With both amplifiers of the
The active filter circuit illustrated in Figure 58 can be
OPA2890 connected for noninverting operation, the
easily implemented using the OPA2890. In this
circuit provides a high input impedance, while the
configuration,
each
amplifier
of
the
OPA2890
gain can easily be set by just one resistor, RG. When
operates as an integrator. For this reason, this type of
operated in low gains, the output swing may be
application is also called an infinite gain filter
limited as a result of the common-mode input swing
implementation.
A
Butterworth
filter
can
be
limits of the amplifier itself. An interesting modification
implemented using the following component ratios:
of this circuit is to place a capacitor in series with RG.
Now the dc gain for each side is reduced to +1V/V;
the ac gain follows the standard transfer function of G
=
1
+
2RF/RG.
This
configuration
might
be
advantageous for applications processing only a
frequency band that excludes dc or very low
frequencies. An input dc voltage resulting from input
bias currents is not amplified by the ac gain and can
be kept low. This circuit can be used as a differential
The frequency response for a 2MHz Butterworth filter
line receiver, driver, or as an interface to a differential
is shown in Figure 57. One advantage for using this
input ADC.
type of filter is the independent setting of
ω
o and Q. Q
can be easily adjusted by changing the R3A, B
resistors without affecting
ω
o.
Figure 56. High-Speed Differential Receiver
Figure 57. Multiple Feedback Filter Frequency
Response
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com