Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP5146M2IPFPR.A Datasheet(PDF) 26 Page - Texas Instruments

Part # TVP5146M2IPFPR.A
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button TVP5146M2IPFPR.A Datasheet HTML 22Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 23Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 24Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 25Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 26Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 27Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 28Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 29Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
TVP5146M2
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
www.ti.com
2.5.1
Fast Switches for SCART
The TVP5146M2 decoder supports the SCART interface used in European audio/video end equipment to
carry composite video, S-Video, and RGB video on the same cable. If composite video and RGB video are
present simultaneously on the video terminals assigned to a SCART interface, the TVP5146M2 decoder
assumes they are pixel synchronous to each other. The timing for both composite video and RGB video is
obtained from the composite source, and its derived clock is used to sample RGB video as well. The
fast-switch input terminal allows switching between these two input video sources on a pixel-by-pixel
basis. The fast switch is a hard switch; there is no alpha blending between both sources.
2.5.2
Separate Syncs
VS, HS, and VBLK are independently software programmable to a 1
× pixel count. This allows any
possible alignment to the internal pixel count and line count. The default settings for 525-line and 625-line
video outputs are given in Figure 2-14 and Figure 2-15. FID changes at the same transient time when the
trailing edge of vertical sync occurs. The polarity of FID is programmable by an I2C interface.
26
Functional Description
Copyright
© 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com