Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP5146M2IPFPR.A Datasheet(PDF) 40 Page - Texas Instruments

Part # TVP5146M2IPFPR.A
Description  NTSC/PAL/SECAM 4×10-Bit Digital Video Decoder With Macrovision™ Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TVP5146M2IPFPR.A Datasheet(HTML) 40 Page - Texas Instruments

Back Button TVP5146M2IPFPR.A Datasheet HTML 36Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 37Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 38Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 39Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 40Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 41Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 42Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 43Page - Texas Instruments TVP5146M2IPFPR.A Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
TVP5146M2
SLES141H
– JULY 2005 – REVISED FEBRUARY 2012
www.ti.com
Table 2-10. I2C Register Summary(1) (continued)
I2C
REGISTER NAME
DEFAULT
R/W
SUBADDRESS
AGC increment delay
79h
1Eh
R/W
Reserved
7Ah-7Fh
Chip ID MSB
80h
R
Chip ID LSB
81h
R
RAM Version LSB
82h
R
CPLL speed control
83h
09h
R/W
Reserved
84h-96h
Status request
97h
00h
R/W
Reserved
98h-99h
Vertical line count
9Ah-9Bh
R
Reserved
9Ch-9Dh
AGC decrement delay
9Eh
00h
R/W
Reserved
9Fh-B0h
VDP TTX filter 1 mask 1
B1h
00h
R/W
VDP TTX filter 1 mask 2
B2h
00h
R/W
VDP TTX filter 1 mask 3
B3h
00h
R/W
VDP TTX filter 1 mask 4
B4h
00h
R/W
VDP TTX filter 1 mask 5
B5h
00h
R/W
VDP TTX filter 2 mask 1
B6h
00h
R/W
VDP TTX filter 2 mask 2
B7h
00h
R/W
VDP TTX filter 2 mask 3
B8h
00h
R/W
VDP TTX filter 2 mask 4
B9h
00h
R/W
VDP TTX filter 2 mask 5
BAh
00h
R/W
VDP TTX filter control
BBh
00h
R/W
VDP FIFO word count
BCh
R
VDP FIFO interrupt threshold
BDh
80h
R/W
Reserved
BEh
VDP FIFO reset
BFh
00h
R/W
VDP FIFO output control
C0h
00h
R/W
VDP line number interrupt
C1h
00h
R/W
VDP pixel alignment
C2h-C3h
01Eh
R/W
Reserved
C4h-D5h
VDP line start
D6h
06h
R/W
VDP line stop
D7h
1Bh
R/W
VDP global line mode
D8h
FFh
R/W
VDP full field enable
D9h
00h
R/W
VDP full field mode
DAh
FFh
R/W
Reserved
DBh-DFh
VBUS data access with no VBUS address increment
E0h
00h
R/W
VBUS data access with VBUS address increment
E1h
00h
R/W
FIFO read data
E2h
R
Reserved
E3h-E7h
VBUS address access
E8h-EAh
00 0000h
R/W
Reserved
EBh-EFh
Interrupt raw status 0
F0h
Interrupt raw status 1
F1h
Interrupt status 0
F2h
R/W
40
Functional Description
Copyright
© 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TVP5146M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com