Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPT-1000-2-WT-R Datasheet(PDF) 3 Page - Brady Worldwide, Inc.

Part # PSPT-1000-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-1000-2-WT-R Datasheet(HTML) 3 Page - Brady Worldwide, Inc.

  PSPT-1000-2-WT-R Datasheet HTML 1Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 2Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 3Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 4Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 5Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 6Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 7Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 8Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 9Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BradyID.com/bmp61
1-888-272-3946
3
Simplicity & Efficiency
■
■
Simple user interface
with easy menu,
curser and label navigation
■
■
Large, color touch-screen display
to see exactly what the label is going
to look like before it’s printed
■
■
Automatic label formatting
with
smart-cell technology
■
■
Easy material loading
with wide cover
opening and large material bay
■
■
Intuitive typing
with QWERTY style keypad
(AZERTY, QWERTZ, CYRILLIC), and effectively
sized and spaced keys to reduce typing errors
Versatility
■
■
Variety of application options,
including PermaSleeve® wire marking sleeves,
self-laminating labels, voice & datacomm ID,
safety labels, general ID and more
■
■
Die-cut, continuous & custom label supplies
up to 2” wide (51mm) and designed for high-performance
■
■
Crisp, clear labels
in small fonts to fit on your smallest wires
and product ID materials, thanks to a 300 dpi print head
■
■
Data connectivity
with USB 2.0 ports (Type A and B),
USB flash drive support and optional WiFi, allows users
to quickly save, copy or send label designs from a computer,
tablet or smart phone by using LabelMark™ 6 software
Reliability
■
■
Industrial, rugged design
with rubber bumpers
and tested to survive a four-foot drop
■
■
Power options
include either a rechargeable NiMH battery
or AC power to keep you printing wherever you go
■
■
2-year warranty
to ensure your printer is kept in top working condition
■
■
Utility strap
for improved storage and handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com