Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPT-1000-2-WT-R Datasheet(PDF) 4 Page - Brady Worldwide, Inc.

Part # PSPT-1000-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-1000-2-WT-R Datasheet(HTML) 4 Page - Brady Worldwide, Inc.

  PSPT-1000-2-WT-R Datasheet HTML 1Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 2Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 3Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 4Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 5Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 6Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 7Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 8Page - Brady Worldwide, Inc. PSPT-1000-2-WT-R Datasheet HTML 9Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Large, Color
Touch-Screen
Display
USB 2.0 Ports (Type A & B);
USB Flash Drive Support;
Optional WiFi
Industrial, Drop Tested
Rugged Design
Utility Strap for Easy
Storage & Handling
QWERTY Style Keypad
(AZERTY, QWERTZ, CYRILLIC)
Rechargeable NIHM Battery or AC
Power (included)
Die-Cut, Continuous & Custom
Label Supplies Up to 2” (51mm)
Automatic Label
Formatting with
Smart-Cell Technology
Crisp Print with
300 dpi Printhead
Easy Material Loading with
Bulk Size Roll Option
Label Grabber
Holds Label
After Cutting
Key Printer Features At-a-Glance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com