Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIO-CSJGIN3/4 Datasheet(PDF) 5 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/4 Datasheet(HTML) 5 Page - Amphenol Industrial Products Group.

  AIO-CSJGIN3/4 Datasheet HTML 1Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 2Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 3Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 4Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 5Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 6Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 7Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 8Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 9Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
3
The accompanying chart is provided to assist the user in selecting
the appropriate type of miniature connector to meet the application
requirements. Further information can be found in specific sections
of this catalog.
CHARACTERISTICS
Solder
Crimp
PT
MS/PT
SP
MS/
PT-SE PT-SE
Intermateable†
o
o
o
o
o
Contacts
Solder
•
•
•
Crimp RI/FR
•
•
Contact Retention
System
Non-Removable
•
•
•
Removable
•
•
Coupling
Bayonet
•
•
•
•
•
Standard Finishes††
Olive Drab Cadmium (003)
•
•
•
•
Anodic Coated (005)
•
Temperature Range
Resilient Dielectric (–55°C to +125°C)
•
•
•
•
•
Wide Mounting Flange
•
Hermetic Seal
•
•
•
SHELL STYLE AVAILABILITY
Wall Mounting Receptacle “00”
•
•
•
•
**•
Cable Connecting Receptacle “01” ***
•
•
•
•
Box Mounting Receptacle “02”
*•
•
•
•
**•
Straight Plug “06”
•
•
•
•
•
Jam Nut Receptacle “07”
*•
*•
•
•
•
Thru-bulkhead Receptacle “TB”
•
•
Solder Mount Receptacle “I”
*•
*•
90° Plug “08”
•
•
•
RI/FR = Rear Insertion/Front Releasable
† o intermates with o
†† Optional finishes available. See “how to order” sections.
* Available in hermetic version
** Dual mounting holes
*** This connector style is sometimes referred to as a cable connecting “plug.”
It does, however, mate with either a straight or 90 degree plug.
Amphenol Miniature Cylindrical
connector selection guide
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com