Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIO-CSJGIN3/4 Datasheet(PDF) 6 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/4 Datasheet(HTML) 6 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/4 Datasheet HTML 2Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 3Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 4Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 5Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 6Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 7Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 8Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 9Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 10Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
4
Insert
Arrangement
Solder Termination
Crimp Termination
Total
Contacts
Contact Size
MS/PT
PT
SP
Hermetic
PT
MS-PT
MS/PT-SE
PT-SE
SP-SE
20
16
12
Coax
Service
Rating
12
8
6-1
X
X
X*
1
1
I
8-2
X
X
X
X
2
2
I
8-3
X
X
X
X
3
3
I
8-4
X
X
X
X
4
4
I
8-33
X
X
X
X
X
3
3
I
8-98
X
X
3
3
I
10-2
X
X
2
2
I
10-5
X
X
X*
5
5
I
10-6
X
X
X
X
X
6
6
I
10-70
X
X
1
1
Coax
10-98
X
X
X
X*
6
6
I
12-3
X
X
X
X
X
3
3
II
12-4
X
X
X*
4
4
I
12-8
X
X
X
X*
X
8
8
I
12-10
X
X
X
X
X
10
10
I
12-14
X
X
14
14
I
12-98
X
X
10
10
I
14-2
X
X
2
2
II
14-4
S
S
X
4
4
I
14-5
X
X
X
X
X
5
5
II
14-8
X
X
8
6
2
I
14-12
X
X
X
X
X
12
8
4
I
14-15
X
X
X
X
X
15
14
1
I
14-18
X
X
X
X*
X
18
18
I
14-19
X
X
X
X
X
19
19
I
14-22
X*
5
1
4
I
14-71
P
X
4
3
1
I
14-91 HV
S
X
X*
3
3
**
14-AA
X
X
X
4
4
I
16-8
X
X
X
X
X
8
8
II
16-23
X
X
X
X
23
22
1
I
16-26
X
X
X
X
X
26
26
I
16-70
X
X
15
14
1
N/A
16-76†††
X*
14
8
1
5
***
16-99
X
X
X
X
23
21
2
I
18-5
X
X
X*
5
5
II
18-8
8
8
I
18-11
X
X
X
X
X
11
11
II
18-30
X
X
X
X*
X
30
29
1
I
Amphenol Miniature Cylindrical
insert availability
®
*Not available in MS version
**Flashover voltage 5,000 VAC (RMS)
***1500 VAC (RMS)
S designates Socket insert only.
P designates Pin insert only.
†Size 12 contacts for #10 wire
††Not presently tooled
†††Contacts must be ordered separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com