Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA335BW Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA335BW
Description  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA335BW Datasheet HTML 4Page - STMicroelectronics STA335BW Datasheet HTML 5Page - STMicroelectronics STA335BW Datasheet HTML 6Page - STMicroelectronics STA335BW Datasheet HTML 7Page - STMicroelectronics STA335BW Datasheet HTML 8Page - STMicroelectronics STA335BW Datasheet HTML 9Page - STMicroelectronics STA335BW Datasheet HTML 10Page - STMicroelectronics STA335BW Datasheet HTML 11Page - STMicroelectronics STA335BW Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Description and block diagram
STA335BW
8/54
1
Description and block diagram
1.1
Description
The STA335BW is an integrated solution of digital audio processing, digital amplifier control,
and DDX-Power Output Stage, thereby creating a high-power single-chip DDX® solution
comprising of high-quality, high-efficiency, all digital amplification.
The STA335BW power section consists of four independent half-bridges. These can be
configured via digital control to operate in different modes. 2.1 channels can be provided by
two half-bridges and a single full-bridge, providing up to 2 x 14 W + 1 x 30 W of power
output. Two channels can be provided by two full-bridges, providing up to 2 x 30 W of power.
The IC can also be configured as a 2.1 channels with 2 x 30 W provided by the device and
external power for DDX® power drive. Also provided in the STA335BW are a full assortment
of digital processing features. This includes up to four programmable 28-bit biquads (EQ)
per channel, and bass/treble tone control. Automodes™ enable a time-to-market advantage
by substantially reducing the amount of software development needed for certain functions.
This includes Auto Volume loudness, preset volume curves and preset EQ settings. New
advanced AM radio interference reduction modes. The serial audio data input interface
accepts all possible formats, including the popular I2S format. Three channels of DDX®
processing are provided. This high quality conversion from PCM audio to DDX’s patented
tri-state PWM switching waveform provides over 100 dB SNR and dynamic range.
1.2
Block diagram
Figure 1.
Block diagram
P
O
W
E
R
C
O
N
T
D
D
X
I2
S
DSP
Eq., Tones
Volumes, Bass
PL
LOGIC
REGULATORS
BIAS
CHAN
NEL
1A
CHAN
NEL
1B
CHAN
NEL
2A
CHAN
NEL
2B
PROTECTION
Current/Thermal
I2C
DIGITAL DSP
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com