Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4040F Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC4040F
Description  CDx4HC4040, CDx4HCT4040 High-Speed CMOS Logic 12-Stage Binary Counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC4040F Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC4040F Datasheet HTML 2Page - Texas Instruments CD54HC4040F Datasheet HTML 3Page - Texas Instruments CD54HC4040F Datasheet HTML 4Page - Texas Instruments CD54HC4040F Datasheet HTML 5Page - Texas Instruments CD54HC4040F Datasheet HTML 6Page - Texas Instruments CD54HC4040F Datasheet HTML 7Page - Texas Instruments CD54HC4040F Datasheet HTML 8Page - Texas Instruments CD54HC4040F Datasheet HTML 9Page - Texas Instruments CD54HC4040F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5.5 Prerequisite for Switching Characteristics
PARAMETER
VCC (V)
25
℃
-40
℃ to 85℃
-55
℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
fMAX
Maximum input pulse
frequency
2
6
5
4
MHz
4.5
30
25
20
6
35
29
24
tW
Input pulse width
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tREM
Reset removal time
2
50
65
75
ns
4.5
10
13
15
6
9
11
13
tW
Reset pulse width
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
HCT TYPES
fMAX
Maximum input pulse
frequency
4.5
25
20
16
MHz
tW
Input pulse width
4.5
20
25
30
ns
tREC
Reset recovery time
4.5
10
13
15
ns
tW
Reset pulse width
4.5
20
25
30
ns
5.6 Switching Characteristics
Input tr, tf = 6 ns. See Parameter Measurement Information
PARAMETER
TEST
CONDITIONS
VCC (V)
25
℃
-40
℃ to 85℃ -55℃ to 125℃
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tPLH,
tPHL
Propagation delay time
CP to Q1' Output
CL = 50 pF
2
140
175
210
ns
4.5
28
35
42
CL = 15 pF
5
11
CL = 50 pF
6
24
30
36
tPLH,
tPHL
Qn to Qn + 1
CL = 50 pF
2
75
95
110
ns
4.5
15
19
22
CL = 15 pF
5
4
CL = 50 pF
6
13
16
19
tPLH,
tPHL
MR to Qn
CL = 50 pF
2
170
215
255
ns
4.5
34
43
51
5
14
6
29
37
43
tTLH,
tTHL
Output transition time
CL = 50 pF
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
CIN
Input capacitance
CL = 50 pF
10
10
10
pF
CPD
Power dissipation capacitance(1) (2)
CL = 15 pF
5
40
pF
HCT TYPES
CD54HC4040, CD74HC4040, CD54HCT4040, CD74HCT4040
SCHS203E – NOVEMBER 1998 – REVISED JULY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC4040 CD74HC4040 CD54HCT4040 CD74HCT4040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com