Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3RL02 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC3RL02
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02 Datasheet(HTML) 5 Page - Texas Instruments

  CDC3RL02 Datasheet HTML 1Page - Texas Instruments CDC3RL02 Datasheet HTML 2Page - Texas Instruments CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
CDC3RL02
UNIT
YFP (TSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
107.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.3
°C/W
RθJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
4.5
°C/W
ψJB
Junction-to-board characterization parameter
18.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO
VOUT
LDO output voltage
IOUT = 50mA
1.71
1.8
1.89
V
CLDO
External load capacitance
1
10
μF
IOUT(SC) Short circuit output current
RL = 0Ω
100
mA
IOUT(PK)
Peak output current
VBATT = 2.3V, VLDO = VOUT – 5%
100
mA
PSR
Power supply rejection
VBATT = 2.3V, IOUT = 2mA,
fIN= 217Hz and 1kHz
60
dB
fIN= 3.25MHz
40
tsu
LDO startup time
VBATT = 2.3V, CLDO = 1μF,
CLK_REQ_n to VIH = 1.71V
0.2
ms
VBATT = 5.5V, CLDO = 10μF,
CLK_REQ_n to VIH = 1.71V
1
POWER CONSUMPTION
ISB
Standby current
Device in standby (all VCLK_REQ_n = 0V)
0.2
1
μA
ICCS
Static current consumption
Device active but not switching
0.4
1
mA
IOB
Output buffer average current
fIN = 26MHz, CLOAD = 50pF
4.2
mA
CPD
Output power dissipation
capacitance
fIN = 26MHz
44
pF
MCLK_IN INPUT
II
MCLK_IN, CLK_REQ_1/2 leakage
current
VI = VIH or GND
1
μA
CI
MCLK_IN capacitance
fIN = 26MHz
4.75
pF
RI
MCLK_IN impedance
fIN = 26MHz
6
kΩ
fIN
MCLK_IN frequency range
10
26
100
MHz
MCLK_IN LVCMOS SOURCE
Additive phase noise
fIN = 26MHz, tr/tf ≤ 1ns
1kHz offset
–140
dBc/Hz
10kHz offset
–149
100kHz offset
–153
1MHz offset
–148
Additive jitter
fIN = 26MHz, VPP = 0.8V, BW = 10MHz to 5MHz
0.37
ps (rms)
tDL
MCLK_IN to CLK_OUT_n
propagation delay
11
ns
DCL
Output duty cycle
fIN = 26MHz, DCIN = 50%
45%
50%
55%
www.ti.com
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com