Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP2102 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCLVP2102
Description  CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVP2102 Datasheet HTML 1Page - Texas Instruments CDCLVP2102 Datasheet HTML 2Page - Texas Instruments CDCLVP2102 Datasheet HTML 3Page - Texas Instruments CDCLVP2102 Datasheet HTML 4Page - Texas Instruments CDCLVP2102 Datasheet HTML 5Page - Texas Instruments CDCLVP2102 Datasheet HTML 6Page - Texas Instruments CDCLVP2102 Datasheet HTML 7Page - Texas Instruments CDCLVP2102 Datasheet HTML 8Page - Texas Instruments CDCLVP2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
CDCLVP2102
SCAS881C – AUGUST 2009 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.1
Test Configurations ................................................. 11
1
Features .................................................................. 1
8
Detailed Description ............................................ 13
2
Applications ........................................................... 1
8.1
Overview ................................................................. 13
3
Description ............................................................. 1
8.2
Functional Block Diagram ...................................... 13
4
Revision History..................................................... 2
8.3
Feature Description................................................. 13
5
Pin Configuration and Functions ......................... 4
8.4
Device Functional Modes........................................ 13
6
Specifications......................................................... 5
9
Application and Implementation ........................ 18
6.1
Absolute Maximum Ratings ...................................... 5
9.1
Application Information............................................ 18
6.2
ESD Ratings.............................................................. 5
9.2
Typical Application ................................................. 18
6.3
Recommended Operating Conditions ....................... 5
10
Power Supply Recommendations ..................... 20
6.4
Thermal Information .................................................. 5
11
Layout................................................................... 21
6.5
Electrical Characteristics: LVCMOS Input, at VCC =
2.375 V to 3.6 V ........................................................ 6
11.1
Layout Guidelines ................................................. 21
6.6
Electrical Characteristics: Differential Input, at VCC =
11.2
Layout Example .................................................... 21
2.375 V to 3.6 V ........................................................ 6
11.3
Thermal Considerations ........................................ 21
6.7
Electrical Characteristics: LVPECL Output, at VCC =
12
Device and Documentation Support ................. 22
2.375 V to 2.625 V .................................................... 6
12.1
Documentation Support ........................................ 22
6.8
Electrical Characteristics: LVPECL Output, at VCC =
12.2
Community Resources.......................................... 22
3 V to 3.6 V ............................................................... 6
12.3
Trademarks ........................................................... 22
6.9
Timing Requirements, at VCC = 2.375 V to 2.625 V . 7
12.4
Electrostatic Discharge Caution ............................ 22
6.10
Timing Requirements, at VCC = 3 V to 3.6 V ......... 8
12.5
Glossary ................................................................ 22
6.11
Typical Characteristics .......................................... 10
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 11
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2011) to Revision C
Page
•
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes
section, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. .............................. 1
•
Added support for 105°C thermal pad temperature .............................................................................................................. 1
•
Deleted Device Comparison table; information in POA ......................................................................................................... 1
•
Changed order of Pin Functions table to alphabetical by pin name ...................................................................................... 4
•
Added PCB temperature to Recommended Operating Conditions ....................................................................................... 5
•
Added VOH specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ....... 6
•
Added VOL specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ........ 6
•
Added IEE specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ......... 6
•
Added ICC specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ......... 6
•
Added VOH specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V .................. 6
•
Added VOL specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V ................... 7
•
Added IEE specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V .................... 7
•
Added ICC specification for TPCB≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V .................... 7
•
Added tRJIT for f OUT = 100 MHz, Input AC coupled, VICM = VAC_REF, 12 kHz to 20 MHz ....................................................... 8
•
Added tRJIT for fOUT = 122.88 MHz, Input AC coupled, VICM = VAC_REF, 12 kHz to 20 MHz ................................................... 8
•
Added tRJIT for fOUT = 156.25 MHz, Input AC coupled, VICM = VAC_REF, 12 kHz to 20 MHz ................................................... 8
•
Added tRJIT for fOUT = 312.5 MHz, Input AC coupled, VICM = VAC_REF, 12 kHz to 20 MHz ..................................................... 8
•
Added 100 MHz Wenzel oscillator, Input slew rate = 0.9 V/ns (single-ended) footnote ....................................................... 8
2
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com