Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP2102 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCLVP2102
Description  CDCLVP2102 Four-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP2102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVP2102 Datasheet HTML 9Page - Texas Instruments CDCLVP2102 Datasheet HTML 10Page - Texas Instruments CDCLVP2102 Datasheet HTML 11Page - Texas Instruments CDCLVP2102 Datasheet HTML 12Page - Texas Instruments CDCLVP2102 Datasheet HTML 13Page - Texas Instruments CDCLVP2102 Datasheet HTML 14Page - Texas Instruments CDCLVP2102 Datasheet HTML 15Page - Texas Instruments CDCLVP2102 Datasheet HTML 16Page - Texas Instruments CDCLVP2102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LVPECL
2
2
Reference
Generator
GND
OUTP[3,2]
OUTN[3,2]
LVPECL
2
2
OUTP[1,0]
OUTN[1,0]
V
CC
V
AC_REF
INP0
INN0
INP1
INN1
CDCLVP2102
www.ti.com
SCAS881C – AUGUST 2009 – REVISED JANUARY 2016
8 Detailed Description
8.1 Overview
The CDCLVP2102 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is a 50
Ω to (VCC – 2) V, but this direct-coupled (DC) voltage is not readily available on PCB.
Therefore, a Thevenin equivalent circuit is worked out for the LVPECL termination in both DC- and AC-coupled
configurations. These configurations are shown in Figure 12 (a and b) for VCC = 2.5 V and Figure 13 (a and b) for
VCC = 3.3 V, respectively. TI recommends placing all resistive components close to either the driver end or the
receiver end. If the supply voltage for the driver and receiver is different, AC coupling is required.
8.2 Functional Block Diagram
8.3 Feature Description
The CDCLVP2102 is a low-additive jitter universal to LVPECL fan-out buffer with two independent inputs. The
small package, low output skew, and low-additive jitter make for a flexible device in demanding applications.
8.4 Device Functional Modes
The two independent inputs of the CDCLVP2102 distribute the input clock to two outputs each. Unused inputs
and outputs can be left floating to reduce overall component cost. Both AC- and DC coupling schemes can be
used with the CDCLVP1204 to provide greater system flexibility.
8.4.1 LVPECL Output Termination
The CDCLVP2102 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is a 50
Ω to (VCC –2) V, but this DC voltage is not readily available on PCB. Therefore, a
Thevenin equivalent circuit is worked out for the LVPECL termination in both DC- and AC-coupled configurations.
These configurations are shown in Figure 12 a and b for VCC = 2.5 V and Figure 13 a and b for VCC = 3.3 V,
respectively. TI recommends placing all resistive components close to either the driver end or the receiver end. If
the supply voltage for the driver and receiver is different, AC coupling is required.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CDCLVP2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com