Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM50GD120DLC Datasheet(PDF) 3 Page - eupec GmbH

Part # BSM50GD120DLC
Description  Technische Information / Technical Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GD120DLC Datasheet(HTML) 3 Page - eupec GmbH

  BSM50GD120DLC Datasheet HTML 1Page - eupec GmbH BSM50GD120DLC Datasheet HTML 2Page - eupec GmbH BSM50GD120DLC Datasheet HTML 3Page - eupec GmbH BSM50GD120DLC Datasheet HTML 4Page - eupec GmbH BSM50GD120DLC Datasheet HTML 5Page - eupec GmbH BSM50GD120DLC Datasheet HTML 6Page - eupec GmbH BSM50GD120DLC Datasheet HTML 7Page - eupec GmbH BSM50GD120DLC Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM50GD120DLC
Thermische Eigenschaften / Thermal properties
min.
typ.
max.
Innerer Wärmewiderstand
Transistor / transistor, DC
RthJC
-
-
0,35
K/W
thermal resistance, junction to case
Diode/Diode, DC
-
-
0,7
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per module
λ
Paste = 1 W/m * K
/
λ
grease = 1 W/m * K
RthCK
-
0,02
-
K/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj
-
-
150
°C
Betriebstemperatur
operation temperature
Top
-40
-
125
°C
Lagertemperatur
storage temperature
Tstg
-40
-
150
°C
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see appendix
Innere Isolation
internal insulation
AL2O3
CTI
comperative tracking index
225
Anzugsdrehmoment f. mech. Befestigung
M1
3
6
Nm
mounting torque
Anzugsdrehmoment f. elektr. Anschlüsse
terminals M6
M2
Nm
terminal connection torque
Gewicht
weight
G
180
g
Mit dieser technischen Information werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften zugesichert.
Sie gilt in Verbindung mit den zugehörigen Technischen Erläuterungen.
This technical information specifies semiconductor devices but promises no characteristics. It is
valid in combination with the belonging technical notes.
3(8)
Seriendatenblatt_BSM50GD120DLC.xls



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com