Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM50GD120DLC Datasheet(PDF) 5 Page - eupec GmbH

Part # BSM50GD120DLC
Description  Technische Information / Technical Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GD120DLC Datasheet(HTML) 5 Page - eupec GmbH

  BSM50GD120DLC Datasheet HTML 1Page - eupec GmbH BSM50GD120DLC Datasheet HTML 2Page - eupec GmbH BSM50GD120DLC Datasheet HTML 3Page - eupec GmbH BSM50GD120DLC Datasheet HTML 4Page - eupec GmbH BSM50GD120DLC Datasheet HTML 5Page - eupec GmbH BSM50GD120DLC Datasheet HTML 6Page - eupec GmbH BSM50GD120DLC Datasheet HTML 7Page - eupec GmbH BSM50GD120DLC Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM50GD120DLC
VGE [V]
VF [V]
0
10
20
30
40
50
60
70
80
90
100
56
78
9
10
11
12
Tj = 25°C
Tj = 125°C
Übertragungscharakteristik (typisch)
IC = f (VGE)
Transfer characteristic (typical)
VCE = 20V
0
10
20
30
40
50
60
70
80
90
100
0,0
0,5
1,0
1,5
2,0
2,5
3,0
Tj = 25°C
Tj = 125°C
Durchlaßkennlinie der Inversdiode (typisch)
IF = f (VF)
Forward characteristic of inverse diode (typical)
5(8)
Seriendatenblatt_BSM50GD120DLC.xls



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com