Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14/2FPLR-BL Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 14/2FPLR-BL
Description  Unsh Riser FPLR 2/C 14/1 AWG SBC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

14/2FPLR-BL Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  14/2FPLR-BL Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev04/22
General Specification of Product :
Final Diameter :
0.198 inches
5.029 mm
Total Cable Weight:
55
37
kg/km
lbs/1000 ft
Conductor :
14 AWG Solid SBC Conductor
PVC
Insulation :
PVC
Outer Jacket :
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS - - - P/N 14/2FPLR - - - RISER FIRE ALARM
CABLE (UL) CL2R/CL3R E198137-SCP OR FPLR UNSH 2/C 14 AWG SOLID
PVC JKT --- ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Electrical Characteristics :
DC Resistance 25°C: 2.6 Ohms / 1000 ft
22.9 pF/ft
Mutual Capacitance :
70 Ohms
Impedance :
72 %
Velocity of Prop :
1.2 mH/km
Inductance. :
Additional Information :
( All of the above values are approximated to within +/- 10% )
Cabled OD Avg: 0.137
Ins Thickness: 0.010
Jkt Thickness: 0.015
Certified: UL CL2R/CL3R or FPLR
Flame Rating: Riser
Max Voltage: 300V
Packaging: Plywood Spool 12 x 7 x 5"
Packaged Weight: 37 lbs / 17 kgs
SCP PART#: 14/2FPLR-XX
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Unsh Riser FPLR 2/C 14/1 AWG SBC, PVC Insulation,
Red PVC Jacket, 1000 FEET/305M Spool
Description:
Part Number:
14/2FPLR
14/2FPLR-BL
14/2FPLR-OR
14/2FPLR-YL
14/2FPLR-WT
Jacket Color:
Red
Blue
Orange
Yellow
White


Similar Part No. - 14/2FPLR-BL

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
14/2FPLR-500 STRUCTURED-CABLE-14/2FPLR-500 Datasheet
405Kb / 1P
Unsh Riser FPLR 2/C 14/1 AWG SBC
Rev04/22
14/2FPLR-YL-500 STRUCTURED-CABLE-14/2FPLR-YL-500 Datasheet
405Kb / 1P
Unsh Riser FPLR 2/C 14/1 AWG SBC
Rev04/22
More results

Similar Description - 14/2FPLR-BL

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5100UE BELDEN-5100UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL3R, FPLR
9582 BELDEN-9582 Datasheet
139Kb / 2P
Electronic, 2 C #12 Sol BC, PVC Ins, Red PVC Jkt, FPLR
05-05-2023
9574 BELDEN-9574 Datasheet
145Kb / 2P
Electronic, 2 C #18 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
9581 BELDEN-9581 Datasheet
146Kb / 2P
Electronic, 2 C #14 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
01-20-2023
9580 BELDEN-9580 Datasheet
139Kb / 2P
Electronic, 2 C #14 Sol BC, PVC Ins, Red PVC Jkt, FPLR
01-20-2023
5100FE BELDEN-5100FE Datasheet
199Kb / 2P
Security & Sound, 2 Conductor 14 AWG, BC, Shielded, CL3R, FPLR
04-14-2023
5300UH BELDEN-5300UH Datasheet
152Kb / 3P
Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
5000FE BELDEN-5000FE Datasheet
171Kb / 2P
Security & Sound, 2 Conductor 12 AWG, BC, O/A Foil, CL3R-FPLR
05-03-2023
5200UH BELDEN-5200UH Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Riser
12-20-2022
5101FH BELDEN-5101FH Datasheet
152Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, Shielded, Riser
11-09-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com