Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS706EG Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # PFS706EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS706EG Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button PFS706EG Datasheet HTML 18Page - Power Integrations, Inc. PFS706EG Datasheet HTML 19Page - Power Integrations, Inc. PFS706EG Datasheet HTML 20Page - Power Integrations, Inc. PFS706EG Datasheet HTML 21Page - Power Integrations, Inc. PFS706EG Datasheet HTML 22Page - Power Integrations, Inc. PFS706EG Datasheet HTML 23Page - Power Integrations, Inc. PFS706EG Datasheet HTML 24Page - Power Integrations, Inc. PFS706EG Datasheet HTML 25Page - Power Integrations, Inc. PFS706EG Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Rev. G 06/15
22
PFS704-729EG
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
C = -40 °C to 125 °C
(Note D) (Unless Otherwise Specified)
Min
Typ
Max
Units
Current Limit/Circuit Protection (cont.)
SOA Protection
Time-out
t
OCP
T
C = 25 °C
200
280
360
ms
SOA On-time
t
SOA
See Note A
1
ms
Leading Edge
Blanking Time
t
LEB
See Note A
220
ns
Current Limit Delay
t
IL(D)
See Note A
100
ns
LEB + ILD + Driver Delay
t
LEB + tIL(D) +
t
DRIVER
T
C = 25 °C
370
470
570
ns
Thermal Shutdown
Temperature
T
SHUT
See Note A
111
118
126
°C
Thermal Shutdown
Hysteresis
T
HYST
See Note A
50
°C
FEEDBACK Pin
Undervoltage
FB
UV
T
C = 25 °C
3
3.5
4
V
FEEDBACK Pin
Undervoltage Delay
t
FB(UV)
T
C = 25 °C
65
110
135
ms
FEEDBACK Pin
Overvoltage Threshold
and Hysteresis
FB
OV
0
°C < T
C < 100 °C
Threshold
V
FB
+40 mV
V
FB
+90 mV
V
FB
+160 mV
V
0
°C < T
C < 100 °C
Hysteresis
75
mV
FEEDBACK Pin
Overvoltage Delay
t
FB(OV)
T
C = 25 °C
1
2
3
ms
FEEDBACK Pin
Start-Up Threshold
FB
OFF
0
°C < T
C < 100 °C
0.5
1.2
1.65
V
FEEDBACK Pin
OFF Delay
t
FB(OFF)
0
°C < T
C < 100 °C
0.5
2
4
ms
Start-Up VCC
(Rising Edge)
V
CC+
T
C = 25 °C
9.5
10.2
V
Shutdown VCC
(Falling Edge)
V
CC-
T
C = 25 °C
9.0
9.5
V
VCC Hysteresis
V
CC(HYST)
T
C = 25 °C
0.2
0.5
0.8
V
Supply Current
Characteristics
I
CD1
0
°C < T
C < 100 °C
Switching
3.5
mA
I
CD2
0
°C < T
C < 100 °C
Not Switching
1.5
VCC Power-Up
Reset Threshold
V
CC(POR)
T
C = 25 °C
2.85
3.6
4.25
V
VCC Power-Up
Reset Current
I
VCC(POR)
T
C = 25 °C
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com