Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS706EG Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # PFS706EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS706EG Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button PFS706EG Datasheet HTML 7Page - Power Integrations, Inc. PFS706EG Datasheet HTML 8Page - Power Integrations, Inc. PFS706EG Datasheet HTML 9Page - Power Integrations, Inc. PFS706EG Datasheet HTML 10Page - Power Integrations, Inc. PFS706EG Datasheet HTML 11Page - Power Integrations, Inc. PFS706EG Datasheet HTML 12Page - Power Integrations, Inc. PFS706EG Datasheet HTML 13Page - Power Integrations, Inc. PFS706EG Datasheet HTML 14Page - Power Integrations, Inc. PFS706EG Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Rev. G 06/15
11
PFS704-729EG
www.power.com
Figure 12. 180 W PFC using PFS708EG.
Figure 13. 900 W PFC using PFS729EG.
PI-6229-110210
N
E
L
R1
750 k
Ω
RT1
10
Ω
R2
750 k
Ω
R4
1.5 M
Ω
1%
R19
1.5 M
Ω
1%
R5
1 M
Ω
1%
L5
1.7 mH
BR1
3KBP06M
600 V
D1
1N5408
D4
1N4148
D3
BAV116
130 V
D2
STTH3R06U
L1
10 mH
C19
220 nF
275 VAC
C5
100 pF
250 VAC
C7
470 nF
400 V
R13
2.21 k
Ω
1%
R7
2 k
Ω
R12
2.21 k
Ω
1%
R10
1.6 M
Ω
1%
R11
732 k
Ω
1%
R9
1.5 M
Ω
1%
R15
160 k
Ω
C17
470 pF
100 V
C14
10 nF
1 kV
C4
100 pF
250 VAC
C3
220 nF
275 VAC
F1
3.15 A
D
S
FB
VCC
V
G
DC
OUT
12 V
Auxiliary
Power
Supply
CONTROL
HiperPFS
U1
PFS708EG
C11
10 nF
50 V
C12
100 nF
50 V
C18
1
µF
25 V
C13
4.7
µF
25 V
C20
47
µF
25 V
Q1
MMBT4401
tO
D1
CAPZero
U2
CAP002DG
D2
L2
100
µH
C16
100 nF
200 V
R14
57.6 k
Ω
1%
C15
150
µF
450 V
R8
3.01 k
Ω
1%
+
+
RV1
320 VAC
PI-6230-111110
N
E
L
R1
220 k
Ω
RT1
10
Ω
R2
220 k
Ω
R18
10
Ω
2 W
R4
3 M
Ω
1%
R19
3 M
Ω
1%
R5
3 M
Ω
1%
L5
2.04 mH
BR1
GBU10J
600 V
D1
1N5408
D4
1N4148
D3
BAV116
130 V
D2
STTH12R06
L1
14 mH
C19
1
µF
275 VAC
C5
680 pF
250 VAC
C7
1.5
µF
400 V
R13
2.21 k
Ω
1%
R7
2 k
Ω
R12
2.21 k
Ω
1%
R10
1.6 M
Ω
1%
R11
732 k
Ω
1%
R9
1.5 M
Ω
1%
R15
160 k
Ω
C17
470 pF
100 V
C21
10 nF
1 kV
C14
10 nF
1 kV
C4
680 pF
250 VAC
C3
680 nF
275 VAC
F1
8 A
RV1
320 VAC
D
S
FB
VCC
V
G
DC
OUT
L4
Ferrite Bead
L3
100
µH
CONTROL
HiperPFS
U1
PFS729EG
C11
10 nF
50 V
C12
47 nF
50 V
C18
1
µF
25 V
C6
100 nF
275 VAC
C13
4.7
µF
25 V
C20
100 nF
25 V
Q1
MMBT4401
tO
D1
CAPZero
U2
CAP006DG
D2
L2
100
µH
C16
100 nF
200 V
R14
57.6 k
Ω
1%
C15
820
µF
450 V
R8
3.01 k
Ω
1%
+
R6
100
Ω
C8
47
µF
50 V
D5
DL4001
Q3
MMBT4401LT1G
R16
100
Ω
R17
3.01 k
Ω
1%
15 V
Auxiliary
Power
Supply
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com