Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INLC10AQ-R4.5 Datasheet(PDF) 24 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 24 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 20Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 21Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 25Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 26Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 27Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 28Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 24 of 35
4.2.4 Power Save Mode
When all LED channels are set to an intensity of 0, the device enters a power save mode for the current
sources driving the LEDs. I.e. the digLED_Set_RGB command must be issued with an RGB value of
0x000000 to enter the power save mode.
Recovering from this mode does not require any particular measures. I.e. the host just needs to issue a
digLED_Set_RGB command with the data field different from 0x000000 and the current sources are
restarted again. There is a delay of
approx. 1μs before the restart of the green PWM channel (no phase
shift applies to the green channel).
This is due to an internal ramp-up required by the analog circuitry. The same procedure is applied after
device power-up or a hardware reset, as the initial RGB value is 0x000000. I.e. the LEDs are all turned off
after power-up or a hardware reset.
4.3
Blue and Green Brightness Control Scaler
In operation, the color brightness of each LED is controlled via an 8-bit RGB parameter. This provides a
color space of 3 x 8 bit = 24 bit. The 8-bit RGB value is scaled to the 12-bit PWMmax value.
The PWMmax values can be read out with the digLED_Read_Param command.
The scaling equations of the green and blue channel are given in Table 22.
Color
Scaling
Blue
PWM = (PWMmax x RGB + 128) >> 8
Green
PWM = (PWMmax x RGB + 128) >> 8
Table 22
– Scaling of blue and green LED channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com