Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INLC10AQ-R4.5 Datasheet(PDF) 26 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 26 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 25Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 26Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 27Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 28Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 29Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 30Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 26 of 35
Ambient Temperature TA
Accuracy Tj, det
Unit
-40
±17.7
°C
25
±8.8
°C
105
±4.8
°C
Table 25 - Temperature detection accuracy
4.5
Red LED Temperature Compensation Feature
The luminous intensity of typical red LEDs shows a significant temperature-dependency that is almost linear.
The INLC10AQ provides a feature to compensate this effect. For that purpose, the on-chip sensor and ADC
system detect the chip temperature ADCTemp that points to a lookup table (s. Figure 19). The interpolated
lookup table output TC is a compensation factor which is considered in the PWM scaling process (s. Table
26). The lookup table and accordingly the factor TC can be linear or non-linear over temperature. The linear
lookup table can be stored in the on-chip memory and is directly available after every hardware reset. A
non-linear lookup table requires several downstream commands right after the initialization.
The compensation feature can be en-/disabled during the device initialization.
Figure 19 - Temperature compensation block diagram
Temperate Compensation
Scaling
Disabled
PWM = (PWMmax x RGB + 128) >> 8
Enabled
PWM = ((PWMmax x RGB + 128) >>8) x TC + 256) >> 9
Table 26
– Scaling of red LED channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com