Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS2521 Datasheet(PDF) 8 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button HD3SS2521 Datasheet HTML 4Page - Texas Instruments HD3SS2521 Datasheet HTML 5Page - Texas Instruments HD3SS2521 Datasheet HTML 6Page - Texas Instruments HD3SS2521 Datasheet HTML 7Page - Texas Instruments HD3SS2521 Datasheet HTML 8Page - Texas Instruments HD3SS2521 Datasheet HTML 9Page - Texas Instruments HD3SS2521 Datasheet HTML 10Page - Texas Instruments HD3SS2521 Datasheet HTML 11Page - Texas Instruments HD3SS2521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HD3SS2521
SLAS941A – APRIL 2013 – REVISED MAY 2013
www.ti.com
PIN FUNCTIONS (continued)
SIGNAL
DockPort HOST
DockPort DEVICE
SPEED
PIN
I/O
PIN NAME
(SIGNAL MUX)
(SIGNAL DE-MUX)
(MAX)
26
O
CONFIG_PU#
Connect to FET switch to control pull-up
—
option on DisplayPort
CONFIG1/CONFIG2 for DockPort
communication.
VCTRL_SEL2
—
Power enable for 12 V power
delivery
27
O
Dongle_PWREN#
Power enable for 5 V DockPort dongle
—
power circuitry
VCTRL_SEL3
—
Power enable for 19 V power
delivery
34
O
RSVD
N/C
—
(SS_OE#_OUT)
For future compatibility (Connect to
RSVD [SS_OE#_IN] signal - Pin 8)
I
PUSH_BUTTON
—
External 5.6 k
ΩPull-up required.
Push button input to DockPort hub
and MST HUB for 2-lane/4-lane
switching
32
O
HS_OE#_OUT
DisplayPort / High-speed USB Mux Enable. (Connect to HS_OE#_IN - Pin 9)
An external 10 k
Ω Pull-down to ground is required.
30
I/O
RST
Reset
33
GND
GND
Connect to Supply Ground
39
53
24
NC
NC
No Connect
31
49
50
51
54
55
56
1
Supply
VCC
3.3V Positive power supply voltage
4
13
14
40
52
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :HD3SS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com