Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS2521 Datasheet(PDF) 13 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button HD3SS2521 Datasheet HTML 9Page - Texas Instruments HD3SS2521 Datasheet HTML 10Page - Texas Instruments HD3SS2521 Datasheet HTML 11Page - Texas Instruments HD3SS2521 Datasheet HTML 12Page - Texas Instruments HD3SS2521 Datasheet HTML 13Page - Texas Instruments HD3SS2521 Datasheet HTML 14Page - Texas Instruments HD3SS2521 Datasheet HTML 15Page - Texas Instruments HD3SS2521 Datasheet HTML 16Page - Texas Instruments HD3SS2521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
50%
50%
50%
50%
tP1
tP2
tSK(O)
= Difference between t
PD for any
two pairs of outputs
tSK(b-b) = 0.5 X |(t 4 – t 3) + (t 1 – t 2)|
50 Ω
50 Ω
Bx/Cx(p)
Ax(p)
50 Ω
50 Ω
Bx/Cx(n)
Ax(n)
SEL
Vcc
Cx/Bx (p)
Cx/Bx (n)
50%
tSK(O)
tPD = Max(tp1, t p2)
t3
t4
t1
t2
Bx/Cx(p)
Bx/Cx(n)
Ax(p)
Ax(n)
Ax (p)
Ax (n)
DCx/DBx/DAx (p)
Cx/Bx/Ax (n)
Cx/Bx/Ax (p)
Cx/Bx/Ax (n)
NOTES:
1. Measurements based on an ideal input with zero intra-pair skew on
the input, i.e. the input at A to B/C or the input at B/C to A
2. Inter-pair skew is measured from lane to lane on the same channel,
e.g. C0 to C1
3. Intra-pair skew is defined as the relative difference from the p and n
signals of a single lane
Intra-pair skew
Inter-pair skew
VOUT
90%
10%
50%
Ton
Toff
HS_SEL_IN/SS_SEL_IN
HD3SS2521
www.ti.com
SLAS941A – APRIL 2013 – REVISED MAY 2013
TEST TIMING DIAGRAMS
Figure 4. Select to Switch Ton and Toff
Figure 5. Propagation Delay and Skew
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :HD3SS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com