Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103A Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS3103A
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103A Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS3103A Datasheet HTML 35Page - Texas Instruments TAS3103A Datasheet HTML 36Page - Texas Instruments TAS3103A Datasheet HTML 37Page - Texas Instruments TAS3103A Datasheet HTML 38Page - Texas Instruments TAS3103A Datasheet HTML 39Page - Texas Instruments TAS3103A Datasheet HTML 40Page - Texas Instruments TAS3103A Datasheet HTML 41Page - Texas Instruments TAS3103A Datasheet HTML 42Page - Texas Instruments TAS3103A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
2−5
Enter
Issue Mute Command
Vol
Busy
Yes
No
Vol
Busy
Yes
No
Issue SAP Configuration
Change Command
Issue Unmute Command
Vol
Busy
Yes
No
Exit
Mute Command = 0x00000007 at subaddress 0xF0
Unmute command = 0x00000000 at subaddress 0xF0
SAP configuration subaddress = 0xF9
Volume busy flag = LSB of subaddress 0xFF. Logic 1 = busy
Figure 2−5. Recommended Procedure for Issuing SAP Configuration Updates
Figure 2−6, Figure 2−7, and Figure 2−8 tabularize the formatting and word size options available for the input SAP
and output SAP. In these figures, data formats are paired when the only difference between the pair is whether the
word placement within the LRCLK period is left-justified or I2S. The TDM formats available include single-chip TDM
output formats (SDOUT1chipA or SDOUT1chipB) and two-chip TDM output formats (SDOUT1chipA ORed with
SDOUT1chipB). For two-chip TDM output formats, the ORing operation is accomplished by routing SDOUT1 from one
of the two TAS3103A chips to ORIN of the other TAS3103A chip. The AB bit also comes into play for two-chip TDM
formats; AB must be set to 1 on one of the two TAS3103A chips and set to 0 on the other TAS3103A chip. For a given
connection of SDOUT1 to ORIN, it does not matter which TAS3103A is set up as chip AB = 1 and which chip is set
up as chip AB = 0. However, the routing of the processed data to the output registers in the TAS3103A depends on
which chip is chip AB = 0 and which chip is chip AB = 1. Figure 2−10 and Figure 2−11 illustrate this dependence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com