Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103A Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS3103A
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103A Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS3103A Datasheet HTML 45Page - Texas Instruments TAS3103A Datasheet HTML 46Page - Texas Instruments TAS3103A Datasheet HTML 47Page - Texas Instruments TAS3103A Datasheet HTML 48Page - Texas Instruments TAS3103A Datasheet HTML 49Page - Texas Instruments TAS3103A Datasheet HTML 50Page - Texas Instruments TAS3103A Datasheet HTML 51Page - Texas Instruments TAS3103A Datasheet HTML 52Page - Texas Instruments TAS3103A Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
2−15
Table 2−2. Sample Rate and CLK Ratios
Sample Rate
DAP Cycles
MCLK RATIO
Sample Rate
DAP Cycles
Req’d
768
512
384
256
192
128
PLL[1:0] = 00
96
134,400
135.168
88.1
123,340
124.0448
48
67,200
135.168
101.376
67.584
44.1
61,740
124.1856
93.1392
62.0928
32
44,800
135.168
90.112
67.584
45.056
24
33,600
135.168
101.376
67.584
50.688
33.792
22.1
30,940
124.4672
93.3504
62.2336
46.6752
31.1168
8
11,200
67.584
45.056
33.792
22.528
16.896
PLL[1:0] = 01
96
134,400
135.168
88.1
123,340
124.0448
48
67,200
135.168
101.376
67.584
44.1
61,740
124.4672
93.1392
62.0928
32
44,800
135.168
90.112
67.584
45.056
24
33,600
101.376
67.584
50.688
33.792
22.1
30,940
93.3504
62.2336
46.6752
31.1168
8
11,200
33.792
22.528
16.896
PLL[1:0] = 10
96
134,400
88.1
123,340
48
67,200
67.584
44.1
61,740
62.0928
32
44,800
67.584
45.056
24
33,600
50.688
33.792
22.1
30,940
46.6752
31.1168
8
11,200
16.896
11.264
2.2.1
TAS3103A Sample-Rate Changes
The TAS3103A supports dynamic sample rate changes when a fixed-frequency master clock is provided. During
dynamic sample-rate changes, the TAS3103A remains in normal operation and the register contents are preserved.
To avoid producing audio artifacts during sample-rate changes, the volume or mute control may be included in the
application firmware that can mute the output signal during the sample-rate change. The fixed-frequency clock can
be provided by a crystal attached to XTLI and XTLO, or an external fixed-frequency master clock attached to MCLKI.
When the TAS3103A is used in a system in which the master clock frequency can change, then any time MCLK is
stopped or the frequency is changed, reset should be applied. If the system master clock frequency changes or stops,
reset should be applied. In these cases, the following procedures should be used (see Figure 2−14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com