Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2611AMF/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM2611AMF/NOPB
Description  LM2611 1.4-MHz Cuk Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2611AMF/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2611AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 20Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 21Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 22Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
L1
22uH
L2
22uH
CCUK
1uF
CIN
10uF
COUT
22uF
CFF1
1000pF
RFB1
29.4k
RFB2
1k
D
LM2611A
VIN
5
SW
1
NFB
3
SHDN
4
GND
2
VOUT
-5V
CIN: TAIYO YUDEN X5R JMK325BJ106MN
CCUK: TAIYO YUDEN X5R TMK316BJ105ML
COUT: TAIYO YUDEN X5R JMK325BJ226MM
D: ON SEMICONDUCTOR MBR0520
L1, L2: SUMIDA CDRH6D28-220
CFF2
1uF
RFB3
9k
2.7V
VIN
d
14V
d
LM2611
www.ti.com
SNOS965J – JUNE 2001 – REVISED DECEMBER 2015
Typical Application (continued)
8.2.7 High Duty Cycle and Load Current
Figure 35. LM2611 High Current Schematic
8.2.7.1 Design Requirements
Follow the design requirements in Cuk Converter With Integrated Switch.
8.2.7.2 Detailed Design Procedure
8.2.7.2.1
High Duty Cycle and Load Current Operation
The circuit in Figure 35 is used for high duty cycles (D > 0.5) and high load currents. The duty cycle begins to
increase beyond 50% as the input voltage drops below the absolute magnitude of the output voltage. RFB3 and
CFF2 are added to the feedback network to introduce a low frequency lag compensation (pole-zero pair)
necessary to stabilize the circuit under the combination of high duty cycle and high load currents.
9 Power Supply Recommendations
The power supply must never exceed the absolute maximum rating of the device given in Absolute Maximum
Ratings. If the regulator is connected to the input supply through long wires or PCB traces, special care is
required to achieve good performance. The parasitic inductance and resistance of the input cables can have an
adverse effect on the operation of the regulator. The parasitic inductance, in combination with the low ESR
ceramic input capacitors, can form an under-damped resonant circuit. This circuit may cause overvoltage
transients at the VIN pin, each time the input supply is cycled on and off.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com