Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2611AMF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2611AMF/NOPB
Description  LM2611 1.4-MHz Cuk Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2611AMF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2611AMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CIN: TAIYO YUDEN X5R JMK325BJ226MM
CCUK: TAIYO YUDEN X5R EMK316BJ105MF
COUT: TAIYO YUDEN X5R JMK325BJ226MM
D: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CR32-150
L2: SUMIDA CR32-470
CCUK
1 PF
COUT
22 PF
L2
47 PH
VIN
5V
D
CFF
330 pF
RFB1
29.4k
RFB2
10k
VIN
SW
NFB
GND
SHDN LM2611A
1
2
3
4
5
CIN
22 PF
L1
15 PH
VOUT - 5V
300 mA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2611
SNOS965J – JUNE 2001 – REVISED DECEMBER 2015
LM2611 1.4-MHz Cuk Converter
1 Features
3 Description
The LM2611 is a current mode, PWM inverting
1
•
1.4-MHz Switching Frequency
switching regulator. Operating from a 2.7-V to 4-V
•
Low RDS(ON) DMOS FET
supply, it is capable of producing a regulated
•
1-mVp-p Output Ripple
negative output voltage of up to
−(36 VIN(MAX)). The
LM2611 utilizes an input and output inductor, which
•
−5 V at 300 mA From 5-V Input
enables low voltage ripple and RMS current on both
•
Better Regulation Than a Charge Pump
the input and the output. With a switching frequency
•
Uses Tiny Capacitors and Inductors
of 1.4 MHz, the inductors and output capacitor can be
physically small and low cost. High efficiency is
•
Wide Input Range: 2.7 V to 14 V
achieved through the use of a low RDS(ON) FET.
•
Low Shutdown Current: <1 µA
The LM2611 features a shutdown pin, which can be
•
5-Pin SOT-23 Package
activated when the part is not needed to lower the Iq
and save battery life. A negative feedback (NFB) pin
2 Applications
provides a simple method of setting the output
•
MR Head Bias
voltage, using just two resistors. Cycle-by-cycle
•
Digital Camera CCD Bias
current limiting and internal compensation further
simplify the use of the LM2611.
•
LCD Bias
The LM2611 is available as a small 5-pin, SOT-23
•
GaAs FET Bias
package and comes in two grades. Grade A has a
•
Positive to Negative Conversion
1.2-A current limit and 0.5-
Ω RDS(ON), and Grade B
has a 0.9-A current limit and 0.7-
Ω RDS(ON).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2611
SOT-23 (5)
1.60 mm × 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2611AMF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2611AMF/NOPB TI1-LM2611AMF/NOPB Datasheet
487Kb / 22P
Cuk Converter
More results

Similar Description - LM2611AMF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
1.4MHz Cuk Converter
LM2611 NSC-LM2611_05 Datasheet
832Kb / 15P
1.4MHz Cuk Converter
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
logo
API Technologies Corp
SF0115CD01490T APITECH-SF0115CD01490T Datasheet
161Kb / 3P
115 MHz SAW Filter 1.4 MHz Bandwidth
SD0696BA03217S APITECH-SD0696BA03217S Datasheet
166Kb / 3P
696.42 MHz Delay Line 1.4 MHz Bandwidth
logo
Integrated Technology F...
240108B ITF-240108B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
250121B ITF-250121B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
logo
Texas Instruments
LM2611 TI-LM2611_15 Datasheet
1Mb / 24P
LM2611 1.4MHz Cuk Converter
LM2611 TI1-LM2611 Datasheet
487Kb / 22P
Cuk Converter
logo
Exar Corporation
SP6652 EXAR-SP6652 Datasheet
965Kb / 16P
1A, High Efficiency, Fixed 1.4 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com