Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2623AMM/NOPB
Description  LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2623AMM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2623AMM/NOPB Datasheet HTML 1Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 2Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 3Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 4Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 5Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 6Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 7Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SW
4.7pF
C3
4.7PH
L1
FREQ
7
2
6
4
8
3
1
PGND
SGND
BOOT
EN
FB
D1
3A
5V
RF2
100k
C1
22PF
V
IN
2 Cells
R3
150k
RF1
300k
+
V
DD
LM2623
C2
100PF
tant
5
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2623
SNVS188I – MAY 2004 – REVISED OCTOBER 2017
LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
1
1 Features
1
•
Good Efficiency Over a Very Wide Load Range
•
Very Low Output Voltage Ripple
•
Up to 2-MHz Switching Frequency
•
0.8-V to 14-V Operating Voltage
•
1.1-V Start-up Voltage
•
1.24-V to 14-V Adjustable Output Voltage
•
Up to 2-A Load Current at Low Output Voltages
•
0.17-Ω Internal MOSFET
•
Up to 90% Regulator Efficiency
•
80-µA Typical Operating Current (Into VDD Pin of
Supply)
•
< 2.5-µA Ensured Supply Current In Shutdown
•
Small 8-Pin VSSOP Package (Half the Footprint
of Standard 8-Pin SOIC Package); 1.09-mm
Package Height
•
4-mm × 4-mm Thermally Enhanced WSON
Package Option
2 Applications
•
Cameras, Pagers and Cell Phones
•
PDAs, Palmtop Computers, GPS devices
•
White LED Drive, TFT, or Scanned LCDs
•
Flash Memory Programming
•
Hand-Held Instruments
•
1, 2, 3, or 4 Cell Alkaline Systems
•
1, 2, or 3 Cell Lithium-ion Systems
3 Description
The LM2623 is a high-efficiency, general-purpose,
step-up
DC-DC
switching
regulator
for
battery-
powered and low input voltage systems. It accepts an
input voltage between 0.8 V and 14 V and converts it
into a regulated output voltage between 1.24 V and
14 V. Efficiencies up to 90% are achievable with the
LM2623.
In order to adapt to a number of applications, the
LM2623 allows the designer to vary the output
voltage, the operating frequency (300 kHz to 2 MHz)
and duty cycle (17% to 90%) to optimize the part's
performance. The selected values can be fixed or can
vary with battery voltage or input to output voltage
ratio. The LM2623 uses a very simple, on/off
regulation mode to produce good efficiency and
stable operation over a wide operating range. It
normally regulates by skipping switching cycles when
it reaches the regulation limit (Pulse Frequency
Modulation).
Note: See Non-Linear Effect and Choosing The
Correct C3 Capacitor so that any challenges with
designing with this part can be taken into account
before a board design/layout is finalized.
For alternative solutions, See Also: LM2700, LM2622,
LM2731, LM2733, and LM2621.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2623
WSON (14)
4.00 mm × 4.00 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - LM2623AMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2623AMM/NOPB TI-LM2623AMM/NOPB Datasheet
1Mb / 22P
General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results

Similar Description - LM2623AMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
GENERAL PURPOSE DC-DC CONVERTER
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
General Purpose DC/DC Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623-Q1 TI1-LM2623-Q1 Datasheet
428Kb / 20P
Automotive Gated-Oscillator-Based DC-DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com