Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3501 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3501
Description  LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3501 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3501 Datasheet HTML 12Page - Texas Instruments LM3501 Datasheet HTML 13Page - Texas Instruments LM3501 Datasheet HTML 14Page - Texas Instruments LM3501 Datasheet HTML 15Page - Texas Instruments LM3501 Datasheet HTML 16Page - Texas Instruments LM3501 Datasheet HTML 17Page - Texas Instruments LM3501 Datasheet HTML 18Page - Texas Instruments LM3501 Datasheet HTML 19Page - Texas Instruments LM3501 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ICL
KD'
IOUT
VIND
2LFSW
-
|
IOUT
KD'
IL(AVE)
|
IOUT
KD'
IPK
VIND
2LFSW
+
|
LM3501
SNVS230C – DECEMBER 2003 – REVISED MAY 2013
www.ti.com
Table 1. Typical Peak Inductor Current (mA)(1) (continued)
LED Current
VIN
# LEDs
15
20
30
40
50
60
(V)
(in series)
mA
mA
mA
mA
mA
mA
4.2
2
64
76
96
116
142
162
3
102
116
148
180
210
246
4
122
146
186
232
272
318
5
179
206
263
324
388
456
The typical cycle-by-cycle peak inductor current can be calculated from the following equation:
(7)
where IOUT is the total load current, FSW is the switching frequency, L is the inductance and η is the converter
efficiency of the total driven load. A good typical number to use for
η is 0.8. The value of η can vary with load and
duty cycle. The average inductor current, which is also the average VSW pin current, is given by the following
equation:
(8)
The maximum output current capability of the LM3501 can be estimated with the following equation:
(9)
where ICL is the current limit. Some recommended inductors include but are not limited to:
Coilcraft DT1608C series
Coilcraft DO1608C series
TDK VLP4612 series
TDK VLP5610 series
TDK VLF4012A series
CAPACITOR SELECTION
Choose low ESR ceramic capacitors for the output to minimize output voltage ripple. Multilayer X7R or X5R type
ceramic capacitors are the best choice. For most applications, a 1 µF ceramic output capacitor is sufficient.
Local bypassing for the input is needed on the LM3501. Multilayer X7R or X5R ceramic capacitors with low ESR
are a good choice for this as well. A 1 µF ceramic capacitor is sufficient for most applications. However, for some
applications at least a 4.7 µF ceramic capacitor may be required for proper startup of the LM3501. Using
capacitors with low ESR decreases input voltage ripple. For additional bypassing, a 100 nF ceramic capacitor
can be used to shunt high frequency ripple on the input. Some recommended capacitors include but are not
limited to:
TDK C2012X7R1C105K
Taiyo-Yuden EMK212BJ105 G
LAYOUT CONSIDERATIONS
The input bypass capacitor CIN, as shown in Figure 33, must be placed close to the device and connect between
the VIN and GND pins. This will reduce copper trace resistance which effects the input voltage ripple of the IC.
For additional input voltage filtering, a 100 nF bypass capacitor can be placed in parallel with CIN to shunt any
high frequency noise to ground. The output capacitor, COUT, should also be placed close to the LM3501 and
connected directly between the VOUT and GND pins. Any copper trace connections for the COUT capacitor can
increase the series resistance, which directly effects output voltage ripple and efficiency. The current setting
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com