Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3501 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3501
Description  LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3501 Datasheet(HTML) 5 Page - Texas Instruments

  LM3501 Datasheet HTML 1Page - Texas Instruments LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM3501
www.ti.com
SNVS230C – DECEMBER 2003 – REVISED MAY 2013
Electrical Characteristics
Specifications in standard type face are for TA = 25°C and those in boldface type apply over the Operating Temperature
Range of TA = −10°C to +85°C. Unless otherwise specified VIN = 2.7V and specifications apply to both LM3501-16 and
LM3501-21.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current, Device Not
FB > 0.54V
0.95
1.2
Switching
mA
Quiescent Current, Device
FB = 0V
2
2.5
Switching
Shutdown
SHDN = 0V
0.1
2
µA
VFB
Feedback Voltage
CNTRL = 2.7V,
0.485
0.515
0.545
VIN = 2.7V to 7V
V
CNTRL = 1V,
0.14
0.19
0.24
VIN = 2.7V to 7V
ΔVFB
Feedback Voltage Line Regulation
VIN = 2.7V to 7V
0.1
0.5
%/V
ICL
Switch Current Limit
VIN = 2.7V,
275
400
480
(LM3501-16)
Duty Cycle = 80%
VIN = 3.0V,
255
400
530
Duty Cycle = 70%
mA
Switch Current Limit
VIN = 2.7V,
420
640
770
(LM3501-21)
Duty Cycle = 70%
VIN = 3.0V,
450
670
800
Duty Cycle = 63%
IB
FB Pin Bias Current
FB = 0.5V (3)
45
200
nA
VIN
Input Voltage Range
2.7
7.0
V
RDSON
NMOS Switch RDSON
VIN = 2.7V, ISW = 300 mA
0.43
Ω
PMOS Switch RDSON
VOUT = 6V, ISW = 300 mA
1.3
2.3
DLimit
Duty Cycle Limit
FB = 0V
80
87
(LM3501-16)
%
Duty Cycle Limit
FB = 0V
85
94
(LM3501-21)
FSW
Switching Frequency
0.85
1.0
1.15
MHz
ISD
SHDN Pin Current (4)
SHDN = 5.5V
1.8
4
SHDN = 2.7V
1
2.5
µA
SHDN = GND
0.1
ICNTRL
CNTRL Pin Current (4)
VCNTRL = 2.7V
10
20
µA
VCNTRL = 1V
4
15
IL
Switch Leakage Current
VSW = 15V
0.01
0.5
(LM3501-16)
µA
Switch Leakage Current
VSW = 20V
0.01
2.0
(LM3501-21)
UVP
Input Undervoltage Lockout
ON Threshold
2.4
2.5
2.6
V
OFF Threshold
2.3
2.4
2.5
OVP
Output Overvoltage Protection
ON Threshold
15
15.5
16
V
(LM3501-16)
OFF Threshold
14
14.6
15
Output Overvoltage Protection
ON Threshold
20
20.5
21
V
(LM3501-21)
OFF Threshold
19
19.5
20
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
production tested, specified through statistical analysis or specified by design. All limits at temperature extremes are specified via
correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level
(AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Feedback current flows out of the pin.
(4)
Current flows into the pin.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com