Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3670 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments LM3670 Datasheet HTML 10Page - Texas Instruments LM3670 Datasheet HTML 11Page - Texas Instruments LM3670 Datasheet HTML 12Page - Texas Instruments LM3670 Datasheet HTML 13Page - Texas Instruments LM3670 Datasheet HTML 14Page - Texas Instruments LM3670 Datasheet HTML 15Page - Texas Instruments LM3670 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
IPFM Peak =
VIN
64:
117 mA +
(typ)
IMODE <
VIN
50:
26 mA +
(typ)
12
LM3670
SNVS250F – NOVEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3670
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 PWM Operation
During PWM operation the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve excellent load and line regulation. The DC gain of the power stage is proportional
to the input voltage. To eliminate this dependence, feed forward inversely proportional to the input voltage is
introduced.
7.4.1.1 Internal Synchronous Rectification
While in PWM mode, the LM3670 uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
7.4.1.2 Current Limiting
A current limit feature allows the LM3670 to protect itself and external components during overload conditions
PWM mode implements cycle-by-cycle current limiting using an internal comparator that trips at 620 mA (typical).
7.4.2 PFM Operation
At very light load, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency.
The part automatically transition into PFM mode when either of two conditions occurs for a duration of 32 or
more clock cycles:
1. The inductor current becomes discontinuous
2. The peak PMOS switch current drops below the IMODE level:
(4)
During PFM operation, the converter positions the output voltage slightly higher than the nominal output voltage
in PWM operation, allowing additional headroom for voltage drop during a load transient from light to heavy load.
The PFM comparator senses the output voltage via the feedback pin and control the switching of the output
FETs such that the output voltage ramps between 0.8% and 1.6% (typical) above the nominal PWM output
voltage. If the output voltage is below the high PFM comparator threshold, the PMOS power switch is turned on.
It remains on until the output voltage exceeds the ‘high’ PFM threshold or the peak current exceeds the IPFM level
set for PFM mode. The peak current in PFM mode is:
(5)
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the high PFM comparator threshold (see Figure 16), the PMOS switch is again turned on and
the cycle is repeated until the output reaches the desired level. Once the output reaches the high PFM threshold,
the NMOS switch is turned on briefly to ramp the inductor current to zero and then both output switches are
turned off and the part enters an extremely low power mode. Quiescent supply current during this sleep mode is
less than 30 µA, which allows the part to achieve high efficiencies under extremely light load conditions. When
the output drops below the low PFM threshold, the cycle repeats to restore the output voltage to approximately
1.6% above the nominal PWM output voltage.
If the load current increases during PFM mode (see Figure 16) causing the output voltage to fall below the ‘low2’
PFM threshold, the part automatically transitions into fixed-frequency PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com